Electronic Components Datasheet Search
  English  ▼

X  

FC7113 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FC7113
Description  Power Amplifier Module for CDMA/AMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FC7113 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FC7113 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FC7113
Power Amplifier Module for CDMA/AMPS
Preliminary
3 / 5
Last Update 12/30/04
Future
Communications
Integrated circuit Inc.
ELECTRICAL CHARACTERISTICS
(*Test Condition : Vcc = 3.4V, Vref = 2.85V, T = +25
and Frequency = 836.5MH z)
℃
Specification
Parameter
Unit
Min
Typ
Max
Note
Gain
dB
-
-
-
27.5
28
27.5
-
-
-
Pout = 31dBm
Pout = 28dBm
Pout = 16dBm
Adjacent Channel Power
at
±885kHz offset*
dBc
-
-
-50
-50
-
-
Pout = 28dBm
Pout = 16dBm
Adjacent Channel Power
At
±1.98MHz offset*
dBc
-
-
-58
-60
-
-
Pout = 28dBm
Pout = 16dBm
Total Supply Current
mA
-
-
-
670
470
120
-
-
-
Pout = 31dBm
Pout = 28dBm
Pout = 16dBm
Power-Added Efficiency
%
-
-
-
55
39.5
9.8
-
-
-
Pout = 31dBm
Pout = 28dBm
Pout = 16dBm
High
Mode
Vmode=0V
Quiescent Current (ICQ)
mA
-
34
-
Gain
dB
-
17
-
Pout=<-20dBm
Adjacent Channel Power
at
±885kHz offset*
dBc
-
<-50
-
Pout=<-20dBm
Adjacent Channel Power
At
±1.98MHz offset*
dBc
-
<-60
-
Pout=<-20dBm
**Low
Mode
Vmode=2.85V
Quiescent Current (ICQ)
mA
-
12
-
Reference Current
mA
-
3.0
-
Through Vref Pin(2.85V)
Mode Control Current
mA
-
0.2
-
Through Vmode Pin
Leakage Current
uA
-
1
-
Vcc=3.4V, Vref=0V,
Vmode=0V
Noise in Receive Band
dBm/Hz
-
-136
-
869MHz to 894MHz
Harmonics 2fo
Harmonics 3fo
dBc
-
-
-30
-35
-
-
Pout<31dBm
Input Impedance
VSWR
-
1.5:1
-
Ruggedness-No damage
VSWR
-
10:1
-
Pout<28dBm, all phases
*Test Condition; Primary Channel BW=1.23 MHz, Adjacent Channel BW=30 kHz
**In the case that the transmitter has a wide dynamic range, it will be enough to use high mode only without
switching operation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com