Electronic Components Datasheet Search
  English  ▼

X  

2N60F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2N60F
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2N60F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2N60F Datasheet HTML 1Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 2Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 3Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 4Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 5Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 6Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 7Page - SUNMATE electronic Co., LTD 2N60F Datasheet HTML 8Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1. Gate
2. Drain
3. Source
Pin Definition:
●
●
●
●
RDS(ON) < 4.4Ω@ VGS = 10V, ID =1A
Fast switching capability
Lead free in compliance with EU RoHS directive.
Improved dv/dt capability, high ruggedness
Block Diagram
● Case: TO-251,TO-252,TO-220,ITO-220
TO-262,TO-263 Package
D
G
S
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Continuous Drain Current
ID
2.0
A
Pulsed Drain Current (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
115
mJ
Power Dissipation
TO-220/TO-262/TO-263
PD
44
W
ITO-220
23
W
TO-251/TO-252
34
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 30mH, IAS = 2.7A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
2N60 Series
N-CHANNEL POWER MOSFET
Features
Mechanical Data
Part No.
Package
Packing
TO-251
75pcs / Tube
TO-220
50pcs / Tube
ITO-220
50pcs / Tube
TO-252
75pcs / Tube
TO-262
50pcs / Tube
TO-263
50pcs / Tube
2N60P
2N60D
2N60T
2N60F
2N60K
2N60G
Ordering Information
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - 2N60F

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
2N60F-TU JINGHENG-2N60F-TU Datasheet
164Kb / 7P
600V N Channel Power MOSFET -
2N60F-TU JINGHENG-2N60F-TU Datasheet
164Kb / 7P
600V N Channel Power MOSFET -
2N60F-TU JINGHENG-2N60F-TU Datasheet
164Kb / 7P
600V N Channel Power MOSFET -
logo
Chongqing Pingwei Enter...
2N60FS CHONGQING-2N60FS Datasheet
798Kb / 9P
2 Amps,600 Volts N-Channel Super Junction Power MOSFET
Version1.0-2015.2
More results

Similar Description - 2N60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com