Electronic Components Datasheet Search
  English  ▼

X  

FES30DP Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FES30DP
Description  30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FES30DP Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FES30DP Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FES30DP Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. FES30DP Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
30.0
5.0
300
1.25
1.50
0.95
35-50
100
150
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 15.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
FES30DP
FES30GP
FES30JP
.
.
Pb Free Plating Product
FES30BP/FES30DP/FES30FP/FES30GP/FES30HP/FES30JP
30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
Pb
FES30BP thru FES30JP
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.08T
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-3PN open metal package
High surge current capability
Weight: 0.65 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,Motor Control,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
TO-3PN
Bottom Side Metal Heat Sink
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Prefix "FEP"
Tandem Polarity
Case
Series
Tandem Polarity
Prefix "FEN"
Prefix "FED"
Prefix "FES"
(Total Device 2x15A=30A)
(Per Diode/Per Leg)
FES30FP
FES30HP
FES30BP


Similar Part No. - FES30DP

ManufacturerPart #DatasheetDescription
logo
Power-One
FES300ZG-A POWER-ONE-FES300ZG-A Datasheet
1Mb / 3P
300 WATT
More results

Similar Description - FES30DP

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR3020PT THINKISEMI-MUR3020PT_04 Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PS THINKISEMI-MUR3020PS Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PA THINKISEMI-MUR3020PA_04 Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
FED30BP THINKISEMI-FED30BP Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
FEN30BP THINKISEMI-FEN30BP Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
FEP30BP THINKISEMI-FEP30BP Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
USR30PD2B THINKISEMI-USR30PD2B Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
MUR3020CS THINKISEMI-MUR3020CS Datasheet
273Kb / 2P
30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR3020CL THINKISEMI-MUR3020CL Datasheet
271Kb / 2P
30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR3020PL THINKISEMI-MUR3020PL Datasheet
286Kb / 2P
30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com