Electronic Components Datasheet Search
  English  ▼

X  

28CPQ Datasheet(PDF) 1 Page - International Rectifier

Part # 28CPQ
Description  28Amp Dual Schottky Center Tap Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

28CPQ Datasheet(HTML) 1 Page - International Rectifier

  28CPQ Datasheet HTML 1Page - International Rectifier 28CPQ Datasheet HTML 2Page - International Rectifier 28CPQ Datasheet HTML 3Page - International Rectifier 28CPQ Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 28CPQ

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-12 MAXWELL-28C010TRPDB-12 Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-15 MAXWELL-28C010TRPDB-15 Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-20 MAXWELL-28C010TRPDB-20 Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDE-12 MAXWELL-28C010TRPDE-12 Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28CPQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25CPF IRF-25CPF Datasheet
251Kb / 4P
25Amp Fast Recovery Dual Center Tap Rectifiers
logo
Diotec Semiconductor
D30VC20 DIOTEC-D30VC20 Datasheet
174Kb / 2P
Silicon-Twin Rectifiers Center tap
logo
International Rectifier
12CTQ030 IRF-12CTQ030 Datasheet
181Kb / 4P
12 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
40CDQ IRF-40CDQ Datasheet
246Kb / 5P
40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Frontier Electronics.
BCT8-005 FRONTIER-BCT8-005 Datasheet
125Kb / 2P
8A CENTER TAP RECTIFIERS
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
8A CENTER TAP RECTIFIERS
logo
New Jersey Semi-Conduct...
SD241 NJSEMI-SD241 Datasheet
110Kb / 2P
40 and 60 Amp Dual Schottky Center Tap Rectifiers
logo
Solid States Devices, I...
SH0044 SSDI-SH0044 Datasheet
116Kb / 2P
POSITIVE CENTER TAP SCHOTTKY
logo
New Jersey Semi-Conduct...
40CDQ NJSEMI-40CDQ Datasheet
166Kb / 2P
4O and SO Amp Dual Schottky Center Tap Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com