Electronic Components Datasheet Search
  English  ▼

X  

L16B40 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L16B40
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B40 Datasheet(HTML) 4 Page - Unisonic Technologies

  L16B40 Datasheet HTML 1Page - Unisonic Technologies L16B40 Datasheet HTML 2Page - Unisonic Technologies L16B40 Datasheet HTML 3Page - Unisonic Technologies L16B40 Datasheet HTML 4Page - Unisonic Technologies L16B40 Datasheet HTML 5Page - Unisonic Technologies L16B40 Datasheet HTML 6Page - Unisonic Technologies L16B40 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L16B40
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-066.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VDD
0 ~ 7.0
V
Input Voltage Range
VIN
-0.4 ~ VDD+0.4
V
Output Current (OUT15 ~ 0)
IOUT
40
mA
Output Voltage (OUT15 ~ 0)
VOUT
-0.3 ~ 20
V
Clock Frequency
FDCK
30
MHz
GND Pin Current
FGND
1000
mA
Power Dissipation (on PCB)
PD
0.9
W
Thermal Resistance (on PCB)
RTH (j-a)
75
°C/W
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.3
5.0
5.5
V
IOUT off
20
V
Output Voltage (OUT15 ~ 0)
VOUT
IOUT on
0.7
0.5×VDD
V
IOUT
OUT15 ~ 0
2
40
IOH
VOH=VDD-0.2V
-0.66
Output Current
IOL
VOL=0.2V
2.0
mA
VIH
0.7×VDD
VDD
Input Voltage (DAI/ENB/LAT/DCK)
VIL
VDD=3.3V~5.5V
0
0.3VDD
V
ELECTRICAL CHARACTERISTICS (VDD=5.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Sustaining Voltage At OUT Ports
VOUT
OUT15 ~ 0
20
V
Output Leakage Current
ILEAK
VOUT=20V
1
μA
“H” level
VIH
0.7×VDD
VDD
Input Voltage
“L” level
V-IL
Logic Level
0
0.3×VDD
V
VOH
IOH=−0.66mA
VDD-0.2
DAO Voltage
VOL
IOL=1.0mA
0.2
V
Output Current
Accuracy
ICs
IOSC
VOUT=1.0V, REXT=2045Ω
±3.0
%
Output Voltage
Regulation
%/∆VOUT
REXT=2045Ω, VOUT=1V~2V
±0.1
Output Current Vs.
Supply Voltage
Regulation
%/∆VDD
REXT=2045Ω, VDD=4.5V~5.5V
±1
%/V
IDD_OFF1
REXT open, OUT15 ~ 0 off
2.1
3.1
IDD_OFF2
REXT=2045Ω, OUT15 ~ 0 off
6.2
Supply Current
IDD_ON
REXT=2045Ω, OUT15 ~ 0 on
7.1
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com