Electronic Components Datasheet Search
  English  ▼

X  

UL75 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UL75
Description  ADAPTIVE CONDUCTION LINEAR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL75 Datasheet(HTML) 4 Page - Unisonic Technologies

  UL75 Datasheet HTML 1Page - Unisonic Technologies UL75 Datasheet HTML 2Page - Unisonic Technologies UL75 Datasheet HTML 3Page - Unisonic Technologies UL75 Datasheet HTML 4Page - Unisonic Technologies UL75 Datasheet HTML 5Page - Unisonic Technologies UL75 Datasheet HTML 6Page - Unisonic Technologies UL75 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UL75
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-051.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 ~ 550
V
Supply Voltage
VOUT
-0.3 ~ 10
V
Output Current, Source Or Sink
ICC
0 ~ 200
mA
ST Input Voltage
VST
-0.3 ~ 15
V
Power Dissipation (TA=70 °C)
PD
3000
mW
Junction Temperature
TJ
-55 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
140 ~ 375
V
Supply Voltage
VOUT
5.5 ~ 6.5
V
Sink/Source Load Current (steadystate)
ISTEAD
0 ~ 100
mA
Sink/Source Load Current (peak)
IPEAK
0 ~ 200
mA
Reference Load Current
ILOAD
0 ~ 100
mA
ST Input Voltage
VST
0 ~ 7
V
Operating Ambient Temperature
TORP
0 ~ +70
°C
Note: Range over which the device is functional and parameter limits are guaranteed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
50
°C/W
Note: Thermal resistance junction-alumina with the device soldered on the middle of an alumina supporting
substrate measuring 15×20mm; 0.65mm thickness with infinite heat sink.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com