Electronic Components Datasheet Search
  English  ▼

X  

232CL9R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 232CL9R
Description  9 Pin RS-232 to Current Loop Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

232CL9R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  232CL9R Datasheet HTML 1Page - List of Unclassifed Manufacturers 232CL9R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
232CL9R0900 – pg. 2/2
© B&B Electronics - January 2000
This product designed and manufactured in USA of domestic and imported parts by
Note: The T+ & T- indentification doesn't imply a
direct connection across the transmitter.
Note: The R+ & R- indentification doesn't imply a
direct connection across the receiver.
Figure 2. Connection to an Active Current Loop
RS-232
to
Current
Loop
Converter
T+
R+
R-
T-
Active Current
Loop Port
R-
T+
T-
R+
Vs
Vs
Connection to a passive current loop port requires a 12 VDC power supply. Use the 470 ohm resistors inside of
our converter to create a 20 ma current source, as shown in figure 3.
+12VDC
Figure 3. Connection to a Passive Current Loop
470
22
R+
R-
23
25
RS232 TO CURRENT
LOOP CONVERTER
470
T-
19
21
9
6
T+
14
T+
YOUR
EQUIPMENT
T-
PASSIVE CURRENT
LOOP CONVERTER
R+
R-
Interconnection of two B&B current loop converters also requires the use of a 12 VDC power supply since they
are both passive ports. See figure 4.
+12VDC
Figure 4. Interconnection of Two Current Loop converters
470
22
R+
R-
23
25
470
T-
19
21
9
6
T+
14
470
22
R-
R+
23
25
T-
470
19
21
9
6
14
T+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com