Electronic Components Datasheet Search
  English  ▼

X  

281 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 281
Description  High CMV, High Performance Isolation Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  281 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
High CMV Isolation: ±5000V pk, 10ms Pulse; ±2500V dc
Continuous
High CMR: 110dB min with 5k
Ω imbalance
Low Nonlinearity: 0.05% @ 10V pk-pk Output
High Gain Stability: ±0.0075%/
°C, ±0.001%/1000 hours
Low Input Offset Voltage Drift: 10
µV/ °C, G = 100V/V
(Model 286J)
Resistor Programmed Gain: 1 to 10V/V (284J)
1 to 100V/V (286J)
Isolated Power Supply: ±8.5V dc @ ±5mA (284J)
±15V dc @ ±15mA (286J)
Meets IEEE Std 472: Transient Protection (SWC)
Meets UL Std 544 Leakage @ 115V ac, 60Hz:
2.0
µA max (284J)
2.5
µA max (286J)
APPLICATIONS
Fetal Heartbeat Monitoring
Multi-Channel ECG Recording
Ground Loop Elimination in Industrial and Process
Control High Voltage Protection in Data Acquisition
Systems 4-20mA Isolated Current Loop Receiver
GENERAL DESCRIPTION
The models 284J, 286J are low cost, high performance isolation
amplifiers designed for high CMV isolation and low leakage in
biomedical, industrial and data acquisition systems. Using modulation
techniques with reliable transformer isolation, the models 284J, 286J
protect both patients and ultrasensitive equipment from high CMV
transients up to ±5000V pk (10ms pulse) or 2500V dc continuous, high
CMR of ll0dB (5k
Ω imbalance) and feature maximum leakage current
of less than 3
µA rms, @ 115V ac, 60Hz (inputs to power common).
The model 284J is a self-contained isolation amplifier for single
channel applications. For multi-channel applications, the model 286J
combined with an external synchronizing oscillator such as the model
281 may be used; up to 16 model 286J amplifiers can be driven from 1
model 281 oscillator. Additional channels may be obtained by
configuring an unlimited number of 284Js with several ganged 281
oscillators.
Both models also provide resistor-programmable gain of 1 to 10V/V
(284J) or 1 to 100V/V (286J), high gain stability of 0.0075%/
°C, low
nonlinearity of 0.05% @ 10V pk-pk output and isolated power supply
outputs of ±15V dc @ ±15mA (286J) or ±8.5V dc @ ±5mA (284J).
WHERE TO USE MODELS 284J, 286J
Industrial Applications: In data acquisition systems, computer
interface systems, process signal isolators and high CMV
instrumentation, models 284J, 286J offer complete galvanic isolation
and protection against damage from transients and fault voltages. High
level transducer interface capability is afforded
Information furnished by Intronics is believed to be accurate and reliable. However, no
responsibility is assumed by Intronics for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Intronics.
4 CHANNEL. ISOLATED DATA ACQUISITION SYSTEM
with model 286J's 20V pk-pk or model 284J's 10V pk-pk input signal
range at a gain of 1V/V operation. In portable field designs, single
supply, wide range operation (+8V to +16V) offers simple battery
operation.
Medical Applications: In biomedical and patient monitoring
equipment such as multi-channel VCG, ECG, and polygraph
recorders, models 284J, 286J offer protection from lethal ground
fault currents as well as 5kV defibrillator pulse inputs. Low level
bioelectric signal recording is achieved with low input noise (8
µV
pk-pk @ G = max gain) and high CMR (110dB, min @ 60Hz).
DESIGN FEATURES AND USER BENEFITS
High Reliability: Models 284J, 286J are conservatively designed,
compact modules, capable of reliable operation in harsh
environments. Models 284J, 286J have calculated MTBF of over
390,000 hours and are designed to meet MIL-STD-202E
environmental testing as well as the IEEE Standard for Transient
Voltage Protection (472-1974: Surge Withstand Capability).
Isolated Power Supply: Dual regulated supplies, completely
isolated from the input power terminals (±2500V dc isolation),
provides the capability to excite floating signal conditioners, front
end buffer amplifiers as well as remote transducers such as
thermistors or bridges.
Adjustable Gain: A single external resistor enables gain adjustment
from 1V/V to 100V/V (286J) or 1V/V to 10V/V (284J) providing the
flexibility of applying models 284J, 286J in both high level
transducer interfacing as well as low level sensor measurements.
1400 Providence Highway, Building #2
Norwood, MA 02062
Phone (781) 551-5500
FAX (781) 551-5555
www.intronicspower.com
High CMV, High Performance
Isolation Amplifiers
Models 284J, 286J, 281


Similar Part No. - 281

ManufacturerPart #DatasheetDescription
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Intronics Power, Inc.
281 INTRONICS-281 Datasheet
1Mb / 6P
High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
281 ETC2-281 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
281 ETC2-281 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
logo
Advanced Energy Industr...
281 ADVANCEDENERGY-281 Datasheet
195Kb / 4P
MONROE 281
01 03.20
More results

Similar Description - 281

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
High CMR Analog Isolation Amplifiers
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
High CMR Isolation Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intronics Power, Inc.
277 INTRONICS-277 Datasheet
988Kb / 4P
Precision Isolation Amplifier High CMV/CMR, 짹15V Floating Power
248J INTRONICS-248J Datasheet
1Mb / 6P
High CMV, High Performance Isolation Amplifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com