Electronic Components Datasheet Search
  English  ▼

X  

MP01103 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01103
Description  SAW Filter 351.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01103 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01103 Datasheet HTML 1Page - Golledge Electronics Ltd MP01103 Datasheet HTML 2Page - Golledge Electronics Ltd MP01103 Datasheet HTML 3Page - Golledge Electronics Ltd MP01103 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 351.0MHz
Model: TB0648A
Part No: MP01103
REV. NO.: 1
TB0648A v1.0
1
A. MAXIMUM RATING:
1. Storage Temperature: -40°C to 85°C
2. Operating Temperature: -20°C to 70°C
B. CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
351
-
Insertion Loss
306 to 396 MHz
dB
-
15.3
16.5
Passband Variation 306 to 396 MHz
MHz
-
1.1
3
Relative Attenuation
at 262MHz
dB
20
52
-
Relative Attenuation
at 402MHz
dB
-
25
-
Temp Coefficient
ppm/K
-
-76
-


Similar Part No. - MP01103

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01100 GOLLEDGE-MP01100 Datasheet
69Kb / 5P
SAW Filter 81.0MHz
MP01101 GOLLEDGE-MP01101 Datasheet
118Kb / 4P
SAW Filter 159.0MHz
MP01102 GOLLEDGE-MP01102 Datasheet
107Kb / 5P
SAW Filter 255.0MHz
MP01104 GOLLEDGE-MP01104 Datasheet
106Kb / 4P
SAW Filter 447.0MHz
MP01109 GOLLEDGE-MP01109 Datasheet
68Kb / 6P
978.0MHz SAW Filter
More results

Similar Description - MP01103

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com