Electronic Components Datasheet Search
  English  ▼

X  

MP01606 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01606
Description  SAW Filter 300MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01606 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01606 Datasheet HTML 1Page - Golledge Electronics Ltd MP01606 Datasheet HTML 2Page - Golledge Electronics Ltd MP01606 Datasheet HTML 3Page - Golledge Electronics Ltd MP01606 Datasheet HTML 4Page - Golledge Electronics Ltd MP01606 Datasheet HTML 5Page - Golledge Electronics Ltd MP01606 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 300MHz
Model: TB0633A
Part No: MP01606
Rev No: 1
TB0633A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 20dBm
2. DC Voltage: 5V
3. Operating Temperature: 0°C to +80°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center frequency Fc
MHz
-
300
-
-
Min Insertion loss (Fc ± 50kHz) ILc
dB
-
3.7
7.0
-
Passband Ripple (Fc ± 50kHz )
dB
-
0.4
2
-
Return Loss (Fc ± 50kHz) RL
dB
9.4
13.5
-
-
Attenuation (relative to ILc)
Fc -25 to Fc -1-1.6MHz
dB
50
62
-
-
Fc -1.6 to Fc -0.6MHz
dB
28
62
-
-
Fc +0.6 to Fc +1.6MHz
dB
28
53
-
-
Fc +1.6 to Fc +25MHz
dB
50
57
-
-
Temperature coefficient of frequency TCf
-0.033 ppm / C^2


Similar Part No. - MP01606

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01601 GOLLEDGE-MP01601 Datasheet
242Kb / 6P
SAW Filter 1227MHz
More results

Similar Description - MP01606

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
TIMING EXTRACTION FILTER (50 to 300MHz)
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
357Kb / 14P
300MHz Amplifiers
February 17, 2005
logo
SIPAT Co,Ltd
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
SP30001 SIPAT-SP30001 Datasheet
165Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Golledge Electronics Lt...
MP02017 GOLLEDGE-MP02017 Datasheet
74Kb / 6P
SAW Filter 300MHz
MA07654 GOLLEDGE-MA07654 Datasheet
114Kb / 4P
SAW Resonator 300MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TR0027A TAI-SAW-TR0027A Datasheet
564Kb / 7P
Dielectric filter 3450MHz BW 300MHz SMD 7.4x4.35mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com