Electronic Components Datasheet Search
  English  ▼

X  

MP01787 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01787
Description  IF SAW Filter: 70MHz (BW = 9MHz) SMD 13.3 X 6.5mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01787 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01787 Datasheet HTML 1Page - Golledge Electronics Ltd MP01787 Datasheet HTML 2Page - Golledge Electronics Ltd MP01787 Datasheet HTML 3Page - Golledge Electronics Ltd MP01787 Datasheet HTML 4Page - Golledge Electronics Ltd MP01787 Datasheet HTML 5Page - Golledge Electronics Ltd MP01787 Datasheet HTML 6Page - Golledge Electronics Ltd MP01787 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
IF SAW Filter: 70MHz (BW = 9MHz) SMD 13.3 X 6.5mm
Model: TB0740A
Part No: MP01787
Rev No: 1
TB0740A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -20°C ~ +80°C
2. Storage Temperature: -40°C ~ +85°C
3. Input power: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
69.8
70.0
70.2
Minimum Insertion loss IL dB
-
10.6
12.0
1dB BW MHz
9.0
9.7
-
3dB BW MHz
9.5
10
-
35dB BW MHz
-
11.7
13.0
Passband Ripple (Fc ± 4MHz) dB
-
0.6
1.0
Group-Delay Ripple (Fc ± 4MHz) nsec
-
80
160
Attenuation (Reference to Minimum Insertion loss)
10 ~ 63MHz dB
40
45
-
78 ~ 140MHz dB
40
45
-
Temp Coefficient ppm/K
-
-94
-
-
Matching:
1. The input of the filter will be matched to 50
2.The output of the filter will be matched to 50


Similar Part No. - MP01787

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01780 GOLLEDGE-MP01780 Datasheet
175Kb / 5P
SAW Filter 480.0MHz
MP01784 GOLLEDGE-MP01784 Datasheet
436Kb / 6P
SAW Filter 1747.50MHz
More results

Similar Description - MP01787

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
TB0186A TAI-SAW-TB0186A Datasheet
440Kb / 4P
70MHz SAW IF Filter (BW=20MHz)
TB0630A TAI-SAW-TB0630A Datasheet
108Kb / 7P
IF SAW Filter 71 MHz 0.25MHz BW SMD 13.3 x 6.5 mm
TB0740A TAI-SAW-TB0740A Datasheet
370Kb / 7P
IF SAW Filter 70MHz(BW=9MHz) SMD 13.3X6.5mm
logo
Golledge Electronics Lt...
MP02147 GOLLEDGE-MP02147 Datasheet
73Kb / 6P
SAW Filter: 70MHz (BW = 0.8MHz) (SMD 13.3 횞 6.5mm)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0195C TAI-SAW-TB0195C Datasheet
510Kb / 6P
70 MHz 3.0MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB1170A TAI-SAW-TB1170A Datasheet
146Kb / 7P
48 MHz 2MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB1319A TAI-SAW-TB1319A Datasheet
396Kb / 7P
70 MHz 3.77MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB1322A TAI-SAW-TB1322A Datasheet
395Kb / 7P
70 MHz 5.85MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB1369A TAI-SAW-TB1369A Datasheet
402Kb / 7P
110.592 MHz 300kHz BW SMD 13.3 x 6.5 mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com