Electronic Components Datasheet Search
  English  ▼

X  

MS0030 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # MS0030
Description  Semiconductor Magnetoresistive Element
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

MS0030 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  MS0030 Datasheet HTML 1Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 2Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 3Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 4Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 5Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 6Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 7Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
[MS0030]
017007225-E-00
- 2 -
2017/06
Magnetic & Electrical Characteristics
Condition: Ta =25
C
(1T=10kGauss)
*1 Rin(0):Resistance between 1pin(+) and 3pin(-) in B=0T
Rout(0):Resistance between 4pin(A) and 2pin(B) in B=0T
*2
ΔRin/Rin = (Rin(B)-Rin(0))/Rin(0) Rin(B):B=0.45T
ΔRout/Rout = (Rout(B)-Rout(0))/Rout(0) Rout(B):B=0.45T
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Note
Input Resistance
Rin(0)
Ic=1mA
B=0T
270
-
375
Ω
*1
Output Resistance
Rout(0)
Ic=1mA
B=0T
270
-
375
Ω
*1
Input Resistance
Change Ratio
ΔRin
/Rin
Ic=1mA
B=0/0.45T
130
-
-
%
*2
Output Resistance
Change Ratio
ΔRout
/Rout
Ic=1mA
B=0/0.45T
130
-
-
%
*2
Phase-A Voltage
VA(0)
Vc=5V,
B=0T
2.46
-
2.54
V
*3
Phase-B Voltage
VB(0)
Vc=5V,
B=0T
2.46
-
2.54
V
*3
Phase-A Voltage
VA(B)
Vc=5V,
B=0.45T
2.46
-
2.54
V
*4
Phase-B Voltage
VB(B)
Vc=5V,
B=0.45T
2.46
-
2.54
V
*4
Measurement circuit of Rin(0)、Rout(0)、
ΔRin/Rin、ΔRout/Rout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com