Electronic Components Datasheet Search
  English  ▼

X  

MS0083 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # MS0083
Description  Semiconductor Magnetoresistive Element
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

MS0083 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  MS0083 Datasheet HTML 1Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 2Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 3Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 4Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 5Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 6Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 7Page - Asahi Kasei Microsystems MS0083 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
[MS0083]
018010738-E-00
- 2 -
2018/09
Pin out
1. A-
2. A+
3. VIN
4. B+
5. GND
6. B-
*A+ and A- are differential signal.
*B+ and B- are differential signal.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Notes
Junction Temperature
Tj
-50
150
C
Storage Temperature
Tstg
-50
150
C
WARNING: Operation beyond these limits may cause permanent damage to the device. Even if it does
not lead to destruction, reliability and life may be adversely affected. Normal operation is not guaranteed
at these extremes.
Recommended Operating Conditions
WARNING: Electrical and magnetic characteristics are not guaranteed when operated beyond these
conditions.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Operating Temperature
Ta
-40
125
C
Max. Input Power
PD
450
mW
Ta=25C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com