Electronic Components Datasheet Search
  English  ▼

X  

MP02584 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02584
Description  SAW Filter 355MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02584 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02584 Datasheet HTML 1Page - Golledge Electronics Ltd MP02584 Datasheet HTML 2Page - Golledge Electronics Ltd MP02584 Datasheet HTML 3Page - Golledge Electronics Ltd MP02584 Datasheet HTML 4Page - Golledge Electronics Ltd MP02584 Datasheet HTML 5Page - Golledge Electronics Ltd MP02584 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 355MHz
Model: TB0673A
Part No: MP02584
REV NO.: 1
TB0673A v1
1
A. MAXIMUM RATINGS:
1. Input Power Level: 10 dBm
2. Operating Temperature: -40
°C ~ 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
1. Ambient Temperature: 25
°C
Value
Characteristics
Min.
Max.
Center frequency
FC
MHz
-
355.0
-
Maximum Insertion loss I.L.
dB
-
11.2
12.5
1dB Bandwidth
MHz
5
6.5
-
3dB Bandwidth
MHz
-
7.9
-
35dB Bandwidth
MHz
-
14.0
16.0
Passband Ripple in FC±2.5 MHz
dB
-
0.5
1.0
S11 Return Loss FC±2.5 MHz
dB
-
9.0
-
Temp Coefficient
ppm/°C
-18
Attenuation:( Reference level from minimum insertion loss)
1)
245 ~ 320 MHz
dB
40
58
-
2)
370 ~ 445 MHz
dB
40
46
-


Similar Part No. - MP02584

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02506 GOLLEDGE-MP02506 Datasheet
83Kb / 6P
SAW Filter 455MHz
MP02508 GOLLEDGE-MP02508 Datasheet
111Kb / 6P
SAW Filter 1970MHz
MP02535 GOLLEDGE-MP02535 Datasheet
81Kb / 6P
SAW Filter 902.5MHz
MP02548 GOLLEDGE-MP02548 Datasheet
65Kb / 6P
SAW Filter 228.1MHz
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
More results

Similar Description - MP02584

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0673A TAI-SAW-TB0673A Datasheet
313Kb / 7P
355MHz IF SAW Filter (BW=5 MHz)
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com