Electronic Components Datasheet Search
  English  ▼

X  

MP02659 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02659
Description  SAW Filter 56.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02659 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02659 Datasheet HTML 1Page - Golledge Electronics Ltd MP02659 Datasheet HTML 2Page - Golledge Electronics Ltd MP02659 Datasheet HTML 3Page - Golledge Electronics Ltd MP02659 Datasheet HTML 4Page - Golledge Electronics Ltd MP02659 Datasheet HTML 5Page - Golledge Electronics Ltd MP02659 Datasheet HTML 6Page - Golledge Electronics Ltd MP02659 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 56.0MHz
Model: TB0752A
Part No: MP02659
REV. NO.: 1
TB0752A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -20
°C ~ +80 °C
2. Storage Temperature: -40
°C ~ +85 °C
3. Input power: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency FC
MHz
-
56.0
-
-
Minimum Insertion loss I.L.
49.5MHz ~ 62.5MHz
dB
-
13.0
15.0
-
Passband Ripple
49.5MHz ~ 62.5MHz
dB
-
1.0
1.5
-
Attenuation
10MHz ~ 45MHz
dB
70MHz ~ 200MHz
dB
40
40
46
43
-
-
-
Substrate Material
YZ-LiNbO3
-
Temp Coefficient
ppm/K
-
-94
-
-
Matching:
1.The input of the filter will be matched to 50 ohm
2.The output of the filter will be matched to 50 ohm


Similar Part No. - MP02659

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02634 GOLLEDGE-MP02634 Datasheet
122Kb / 7P
SAW Filter 427.5MHz
MP02638 GOLLEDGE-MP02638 Datasheet
237Kb / 6P
SAW Resonator: 1000.0MHz
MP02643 GOLLEDGE-MP02643 Datasheet
80Kb / 6P
SAW Filter 456MHz
MP02644 GOLLEDGE-MP02644 Datasheet
126Kb / 6P
SAW Filter 140MHz
MP02645 GOLLEDGE-MP02645 Datasheet
173Kb / 6P
SAW Filter 480.0MHz
More results

Similar Description - MP02659

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com