Electronic Components Datasheet Search
  English  ▼

X  

MP02660 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02660
Description  SAW Filter 168.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02660 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02660 Datasheet HTML 1Page - Golledge Electronics Ltd MP02660 Datasheet HTML 2Page - Golledge Electronics Ltd MP02660 Datasheet HTML 3Page - Golledge Electronics Ltd MP02660 Datasheet HTML 4Page - Golledge Electronics Ltd MP02660 Datasheet HTML 5Page - Golledge Electronics Ltd MP02660 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 168.0MHz
Model: TB0727A
Part No: MP02660
REV. NO.: 1
TB0727A v1
1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
-
168
-
Insertion Loss, IL
dB
-
12.2
13.5
-1dB BW
MHz
-
20.9
-
-3dB BW
MHz
20
22.4
-
Upper -35dB Band edge
MHz
-
181.7
183
Lower -35dB Band edge
MHz
153
155.1
-
Passband ripple at Fc +/- 8MHz
dB
-
0.4
1.0
Group delay ripple at Fc +/- 8MHz
ns
-
35
160
Absolute delay
us
-
0.85
1.0
Temperature Coefficient
ppm/°C
-
-72
-
Source / Load Impedance
Ohm
-
50
-


Similar Part No. - MP02660

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02661 GOLLEDGE-MP02661 Datasheet
95Kb / 7P
SAW Filter 333.04MHz
MP02669 GOLLEDGE-MP02669 Datasheet
80Kb / 5P
SAW Filter 64.80MHz
More results

Similar Description - MP02660

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP05338 GOLLEDGE-MP05338 Datasheet
75Kb / 5P
SAW Filter 168.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com