Electronic Components Datasheet Search
  English  ▼

X  

MP03407 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03407
Description  SAW Filter 60.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03407 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03407 Datasheet HTML 1Page - Golledge Electronics Ltd MP03407 Datasheet HTML 2Page - Golledge Electronics Ltd MP03407 Datasheet HTML 3Page - Golledge Electronics Ltd MP03407 Datasheet HTML 4Page - Golledge Electronics Ltd MP03407 Datasheet HTML 5Page - Golledge Electronics Ltd MP03407 Datasheet HTML 6Page - Golledge Electronics Ltd MP03407 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 60.0MHz
Model: TB0636A
Part No: MP03407
Rev No: 1
TB0636A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C to +85°C
2. Storage Temperature: -40°C to +85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
60.0
-
Insertion Loss IL
dB
-
15.0
18.5
1dB Bandwidth
MHz
20.0
21.7
-
3dB Bandwidth
MHz
-
22.5
-
25dB Bandwidth
MHz
25.5
30.0
40dB Bandwidth
MHz
26.8
31.0
Pass band Ripple Fc ± 10.0MHz
P-P dB
-
0.6
1.2
VSWR Fc ± 10.0MHz
P-P dB
6.5
7.0
Group delay Variation Fc ± 10MHz
P-P nsec
30
100
Triple Transit Suppression
dB
40
43
Power Handling
dBm
10
Temp Coefficient
ppm/K
-
-23
-


Similar Part No. - MP03407

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03419 GOLLEDGE-MP03419 Datasheet
67Kb / 6P
SAW Filter 707.0MHz
MP03430 GOLLEDGE-MP03430 Datasheet
103Kb / 7P
SAW Filter 79.0MHz
MP03431 GOLLEDGE-MP03431 Datasheet
112Kb / 6P
SAW Filter 96.0MHz
MP03432 GOLLEDGE-MP03432 Datasheet
117Kb / 7P
SAW Filter 109.0MHz
MP03441 GOLLEDGE-MP03441 Datasheet
104Kb / 6P
SAW Filter 120.0MHz
More results

Similar Description - MP03407

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-10 OSCILENT-813-SL60.0M-10 Datasheet
120Kb / 4P
60.0MHz IF SAW Filter 23.55MHz Bandwidth
813-SL60.0M-10B OSCILENT-813-SL60.0M-10B Datasheet
459Kb / 6P
60.0MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-22A OSCILENT-813-SL60.0M-22A Datasheet
211Kb / 6P
60.0MHz IF SAW Filter 22.37MHz Bandwidth
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
60.0MHz IF SAW Filter 19.25 MHz Bandwidth
835-IF60.0M-19B OSCILENT-835-IF60.0M-19B Datasheet
213Kb / 6P
60.0MHz IF SAW Filter 19.50 MHz Bandwidth
813-SL60.0M-11 OSCILENT-813-SL60.0M-11_14 Datasheet
233Kb / 6P
60.0MHz IF SAW Filter 12.0MHz Bandwidth
logo
Golledge Electronics Lt...
MA07308 GOLLEDGE-MA07308 Datasheet
88Kb / 3P
SAW Filter 60.0MHz
MP03220 GOLLEDGE-MP03220 Datasheet
55Kb / 6P
SAW Filter 60.0MHz
MP03387 GOLLEDGE-MP03387 Datasheet
117Kb / 7P
SAW Filter 60.0MHz
logo
Transko Electronics, In...
TA06009AD TRANSKO-TA06009AD Datasheet
668Kb / 4P
60.0MHz IF SAW Filter / 9.30MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com