Electronic Components Datasheet Search
  English  ▼

X  

ACE736E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE736E
Description  42V Input Standoff Voltage, 0.4A Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE736E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE736E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE736E
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
1
Description
The ACE736E is a wide input range, high-efficiency, and high frequency DC-to-DC step-down
switching regulator, capable of delivering up to 0.4A of output current. With a fixed switching frequency of
750KHz, this current mode PWM controlled converter allows the use of small external components, such
as ceramic input and output caps, as well as small inductors.ACE736E also employs a proprietary control
scheme that switches the device into a power save mode during light load, thereby extending the range of
high efficiency operation. An OVP function protects the IC itself and its downstream system against input
voltage surges. With this OVP function, the IC can stand off input voltage as high as 42V, making it an
ideal solution for industrial applications such as smart meters as well as automotive applications.
In automotive systems, power comes from the battery, with its voltage typically between 9V and 24V.
Including cold crank and double battery jump-starts, the minimum input voltage may be as low as 4V and
the maximum up to 36V, with even higher transient voltages. With these high input voltages, linear
regulators cannot be used for high supply currents without overheating the regulator. Instead, high
efficiency switching regulators such as ACE736E must be used to minimize thermal dissipation.
Features
Wide Input Operating Range from 4V to 38V
Standoff Input Voltage: 42V
High Efficiency at 20V In 12V Out: Up to 95%
High Efficiency PFM mode at light load
Capable of Delivering 0.4A
No External Compensation Needed
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOT23-6 Package
Application
 Smart Meters
 Industrial Applications
 Automotive Applications


Similar Part No. - ACE736E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
ACE73655Y ACE-ACE73655Y Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
More results

Similar Description - ACE736E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com