Electronic Components Datasheet Search
  English  ▼

X  

ACE803N Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE803N
Description  Ultra Low Power Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE803N Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE803N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 7Page - ACE Technology Co., LTD. ACE803N Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE803N/ACE809N/ACE810N
Ultra Low Power Microprocessor Reset IC
VER 1.2
4
Electrical Characteristics
Vcc=3V, TA=-40℃ to 85℃, Typical values are at TA=25℃,unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Vcc
1.15
5.5
V
Supply Current
Icc
VCC=2.0V
2.8
5.5
uA
VCC=3.0V
3.2
6
VCC=5.0V
4.0
7.5
Reset Threshold
VRES
ACE8XXN-4.63
ACE8XXN-4.38
ACE8XXN-4.00
ACE8XXN-3.08
ACE8XXN-2.93
ACE8XXN-2.63
4.51
4.25
3.89
3.00
2.86
2.56
4.63
4.38
4.00
3.08
2.93
2.63
4.75
4.50
4.11
3.15
3.00
2.70
V
Reset Threshold
hysteresis
VHYST
0.013VRES
V
VCC to RESET
Delay(ACE803N/ACE809N)
VCC transitions from
VRES+0.1V to VRES-0.1V
20
us
VCC to RESET
Delay(ACE810N)
VCC transitions from
VRES+0.1V to VRES-0.1V
20
us
RESET Output
Voltage Low
(ACE803N/ACE809N)
VOL
VRES>VCC=2V,ISINK=1.5mA
0.3
V
VRES>VCC=3V,ISINK=3.2mA
VRES>VCC=4V,ISINK=5mA
RESET Output
Voltage High
(ACE809N)
VOH
VRES<VCC=3V,ISRC=1.2mA
VCC-0.4
V
VRES<VCC=4V,ISRC=2mA
VRES<VCC=5V,ISRC=2.5mA
RESET Output
Voltage Low
(ACE810N)
VOL
VRES<VCC=3V,ISINK=3.2mA
0.3
V
VRES<VCC=4V,ISINK=5mA
VRES<VCC=5V,ISINK=6mA
RESET Output
Voltage High
(ACE810N)
VOH
VRES>VCC=2V,ISRC=600uA
VCC-0.4
V
VRES>VCC=3V, ISRC=1.2mA
VRES>VCC=4V, ISRC=2mA
Reset Pulse Width
TRES
140
240
400
ms
Note : Parts are 100% production tested at 25℃. Specifications over full temperature range are guaranteed by design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com