Electronic Components Datasheet Search
  English  ▼

X  

ACE4010M200P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4010M200P
Description  P-Channel 100-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4010M200P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4010M200P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4010M200P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4010M200P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4010M200P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4010M200P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4010M200P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4010M200P Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4010M200P
P-Channel 100-V MOSFET
VER 1.1
1
Description
The ACE4010M200P uses advanced trench technology to provide excellent RDS(ON) and low gate charge.
This device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a Kelvin connection to the source, which may be used to bypass the source inductance.
Features
Low r
DS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
V
Continuous
Drain Current
a
TA=25℃
ID
-27
A
Pulsed Drain Current
b
IDM
-100
A
Continuous Source Current (Diode Conduction)
a
IS
100
A
Power Dissipation
a
TA=25℃
PD
300
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
62.5
°C/W
Steady State
1
Notes
a. Surface Mounted o
n 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
rDS(on) (mΩ)
ID(A)
-100
265 @ VGS = -10V
-27
a
280 @ VGS = -5.5V


Similar Part No. - ACE4010M200P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
More results

Similar Description - ACE4010M200P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM90P10-30P ANALOGPOWER-AM90P10-30P Datasheet
123Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM3471P ANALOGPOWER-AM3471P Datasheet
101Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
P-Channel 100-V (D-S) MOSFET
AM40P10-200P ANALOGPOWER-AM40P10-200P Datasheet
342Kb / 5P
P-Channel 100-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV240SP NEXPERIA-PMV240SP Datasheet
284Kb / 15P
100 V, P-channel Trench MOSFET
25 August 2020
PXP1500-100QS NEXPERIA-PXP1500-100QS Datasheet
303Kb / 14P
100 V, P-channel Trench MOSFET
31 July 2023
PXP400-100QS NEXPERIA-PXP400-100QS Datasheet
307Kb / 14P
100 V, P-channel Trench MOSFET
31 July 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com