Electronic Components Datasheet Search
  English  ▼

X  

ACE7255E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7255E
Description  24V, 2A, Forced PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7255E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7255E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE7255E
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
1
Description
ACE7255E is a wide input range, high-efficiency and high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 2A of output current. With a fixed switching frequency of
1MHz, this current mode PWM controlled converter allows the use of small external components, such as
ceramic input and output caps, as well as small inductors. ACE7255E also employs a forced PWM control
scheme, thereby ensuring the minimum ripple voltage. Its input can withstand a voltage surge as high as
30V, making it an ideal solution for industrial applications such as Surveillance Camera, LCD TV, Set Top
Box, etc.
Features
Wide Input Range: 4.2V-24V
Forced PWM control
1MHz switching frequency
Capable of Delivering 2A
No External Compensation Needed
Current Mode Control
Thermal Shutdown and UVLO
Excellent Load and Line Transient Response
Application
Surveillance Camera
Set Top Box
LCD TV
Absolute Maximum Rating
Parameter
Value
IN,SW,EN Voltage
–0.3V to 24V
BST Voltage
–0.3V to SW+6V
FB Voltage
–0.3V to 6V
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
–55°C to 150°C
Thermal Resistance
θJA
180°C/W
θJC
90°C/W
Lead Temperature (Soldering 10ssec)
260°C
ESD HBM (Human Body Mode)
2KV
ESD MM (Machine Mode)
200V
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long
periods may affect device reliability.)


Similar Part No. - ACE7255E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE7259CGMH ACE-ACE7259CGMH Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
More results

Similar Description - ACE7255E

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2822 AIC-AIC2822 Datasheet
453Kb / 9P
2A 23V Synchronous PWM Step-Down Converter
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
2A, 24V, 340KHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8112A HMSEMI-HM8112A Datasheet
930Kb / 6P
28V, 2A, Forced PWM Synchronous Step-Down Converter in SOT23-6
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com