Electronic Components Datasheet Search
  English  ▼

X  

ACE11013A Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE11013A
Description  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11013A Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE11013A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11013A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11013A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE11013A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE11013A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE11013A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE11013A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE11013A
P-Channel Enhancement Mode MOSFET
VER 1.1
6
Packing Information
SOT-523
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.900
0.028
0.035
A1
0.000
0.100
0.000
0.004
A2
0.700
0.800
0.028
0.031
b1
0.150
0.250
0.006
0.010
b2
0.250
0.325
0.010
0.013
c
0.100
0.200
0.004
0.008
D
1.500
1.700
0.059
0.067
E
0.750
0.850
0.030
0.033
E1
1.450
1.750
0.057
0.069
e
0.500 TYP
0.020TYP
e1
0.900
1.100
0.035
0.043
L
0.550 REF
0.022 REF
L1
0.280
0.440
0.011
0.017
θ
0°
4°
0°
4°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com