Electronic Components Datasheet Search
  English  ▼

X  

MP02832 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02832
Description  SAW Filter 130.06MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02832 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02832 Datasheet HTML 1Page - Golledge Electronics Ltd MP02832 Datasheet HTML 2Page - Golledge Electronics Ltd MP02832 Datasheet HTML 3Page - Golledge Electronics Ltd MP02832 Datasheet HTML 4Page - Golledge Electronics Ltd MP02832 Datasheet HTML 5Page - Golledge Electronics Ltd MP02832 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 130.06MHz
Model: TB0682A
Part No: MP02832
REV. NO: 1
TB0682A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -10°C ~ 50°C
2. Storage Temperature: -40°C ~ +85°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
1. Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
130.06
-
-
Minimum Insertion loss IL dB
-
7.3
8.5
-
1dB Bandwidth kHz
-
167
-
-
3dB Bandwidth kHz
160
239
250
-
40dB Bandwidth kHz
-
692
850
-
Passband Ripple Fc ± 40kHz dB
-
0.4
1.0
-
Temp Coefficient ppm/K
2
-
-0.036
-
-


Similar Part No. - MP02832

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02834 GOLLEDGE-MP02834 Datasheet
95Kb / 4P
SAW Filter 350MHz
MP02837 GOLLEDGE-MP02837 Datasheet
75Kb / 5P
SAW Filter 416MHz
More results

Similar Description - MP02832

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0682A TAI-SAW-TB0682A Datasheet
363Kb / 7P
IF SAW Filter 130.06MHz(BW=160KHz) SMD 5.0X7.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com