Electronic Components Datasheet Search
  English  ▼

X  

AD5382 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5382
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5382 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5382 Datasheet HTML 13Page - Analog Devices AD5382 Datasheet HTML 14Page - Analog Devices AD5382 Datasheet HTML 15Page - Analog Devices AD5382 Datasheet HTML 16Page - Analog Devices AD5382 Datasheet HTML 17Page - Analog Devices AD5382 Datasheet HTML 18Page - Analog Devices AD5382 Datasheet HTML 19Page - Analog Devices AD5382 Datasheet HTML 20Page - Analog Devices AD5382 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD5382
Rev. 0 | Page 17 of 40
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint linearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for zero-scale error and full-scale error, and is
expressed in LSB.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of 1 LSB maximum
ensures monotonicity.
Zero-Scale Error
Zero-scale error is the error in the DAC output voltage when all
0s are loaded into the DAC register. Ideally, with all 0s loaded to
the DAC and m = all 1s, c = 2n – 1:
VOUT(Zero-Scale) = 0 V
Zero-scale error is a measure of the difference between VOUT
(actual) and VOUT (ideal), expressed in mV. It is mainly due to
offsets in the output amplifier.
Offset Error
Offset error is a measure of the difference between VOUT
(actual) and VOUT (ideal) in the linear region of the transfer
function, expressed in mV. Offset error is measured on the
AD5382-5 with Code 32 loaded into the DAC register, and on
the AD5382-3 with Code 64.
Gain Error
Gain Error is specified in the linear region of the output range
between VOUT = 10 mV and VOUT = AVDD – 50 mV. It is the
deviation in slope of the DAC transfer characteristic from the
ideal and is expressed in %FSR with the DAC output unloaded.
DC Crosstalk
This is the dc change in the output level of one DAC at midscale
in response to a full-scale code (all 0s to all 1s, and vice versa)
and output change of all other DACs. It is expressed in LSB.
DC Output Impedance
This is the effective output source resistance. It is dominated by
package lead resistance.
Output Voltage Settling Time
This is the amount of time it takes for the output of a DAC to
settle to a specified level for a ¼ to ¾ full-scale input change,
and is measured from the BUSY rising edge.
Digital-to-Analog Glitch Energy
This is the amount of energy injected into the analog output at
the major code transition. It is specified as the area of the glitch
in nV-s. It is measured by toggling the DAC register data
between 0x1FFF and 0x2000.
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse that appears at the
output of one DAC due to both the digital change and to the
subsequent analog output change at another DAC. The victim
channel is loaded with midscale. DAC-to-DAC crosstalk is
specified in nV-s.
Digital Crosstalk
The glitch impulse transferred to the output of one converter
due to a change in the DAC register code of another converter
is defined as the digital crosstalk and is specified in nV-s.
Digital Feedthrough
When the device is not selected, high frequency logic activity on
the device’s digital inputs can be capacitively coupled both
across and through the device to show up as noise on the
VOUT pins. It can also be coupled along the supply and ground
lines. This noise is digital feedthrough.
Output Noise Spectral Density
This is a measure of internally generated random noise.
Random noise is characterized as a spectral density (voltage per
√Hertz). It is measured by loading all DACs to midscale and
measuring noise at the output. It is measured in nV/√Hz in a
1 Hz bandwidth at 10 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com