Electronic Components Datasheet Search
  English  ▼

X  

AD5384BBC-3 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5384BBC-3
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384BBC-3 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5384BBC-3 Datasheet HTML 20Page - Analog Devices AD5384BBC-3 Datasheet HTML 21Page - Analog Devices AD5384BBC-3 Datasheet HTML 22Page - Analog Devices AD5384BBC-3 Datasheet HTML 23Page - Analog Devices AD5384BBC-3 Datasheet HTML 24Page - Analog Devices AD5384BBC-3 Datasheet HTML 25Page - Analog Devices AD5384BBC-3 Datasheet HTML 26Page - Analog Devices AD5384BBC-3 Datasheet HTML 27Page - Analog Devices AD5384BBC-3 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD5382
Rev. 0 | Page 24 of 40
Table 18. AD5382 Channel Monitor Decoding
REG1
REG0
A4
A3
A2
A1
A0
DB13
DB12
DB11
DB10
DB9
DB8
DB7–DB0
MON_OUT
0
0
0
1
0
1
0
0
0
0
0
0
0
X
VOUT0
0
0
0
1
0
1
0
0
0
0
0
0
1
X
VOUT1
0
0
0
1
0
1
0
0
0
0
0
1
0
X
VOUT2
0
0
0
1
0
1
0
0
0
0
0
1
1
X
VOUT3
0
0
0
1
0
1
0
0
0
0
1
0
0
X
VOUT4
0
0
0
1
0
1
0
0
0
0
1
0
1
X
VOUT5
0
0
0
1
0
1
0
0
0
0
1
1
0
X
VOUT6
0
0
0
1
0
1
0
0
0
0
1
1
1
X
VOUT7
0
0
0
1
0
1
0
0
0
1
0
0
0
X
VOUT8
0
0
0
1
0
1
0
0
0
1
0
0
1
X
VOUT9
0
0
0
1
0
1
0
0
0
1
0
1
0
X
VOUT10
0
0
0
1
0
1
0
0
0
1
0
1
1
X
VOUT11
0
0
0
1
0
1
0
0
0
1
1
0
0
X
VOUT12
0
0
0
1
0
1
0
0
0
1
1
0
1
X
VOUT13
0
0
0
1
0
1
0
0
0
1
1
1
0
X
VOUT14
0
0
0
1
0
1
0
0
0
1
1
1
1
X
VOUT15
0
0
0
1
0
1
0
0
1
0
0
0
0
X
VOUT16
0
0
0
1
0
1
0
0
1
0
0
0
1
X
VOUT17
0
0
0
1
0
1
0
0
1
0
0
1
0
X
VOUT18
0
0
0
1
0
1
0
0
1
0
0
1
1
X
VOUT19
0
0
0
1
0
1
0
0
1
0
1
0
0
X
VOUT20
0
0
0
1
0
1
0
0
1
0
1
0
1
X
VOUT21
0
0
0
1
0
1
0
0
1
0
1
1
0
X
VOUT22
0
0
0
1
0
1
0
0
1
0
1
1
1
X
VOUT23
0
0
0
1
0
1
0
0
1
1
0
0
0
X
VOUT24
0
0
0
1
0
1
0
0
1
1
0
0
1
X
VOUT25
0
0
0
1
0
1
0
0
1
1
0
1
0
X
VOUT26
0
0
0
1
0
1
0
0
1
1
0
1
1
X
VOUT27
0
0
0
1
0
1
0
0
1
1
1
0
0
X
VOUT28
0
0
0
1
0
1
0
0
1
1
1
0
1
X
VOUT29
0
0
0
1
0
1
0
0
1
1
1
1
0
X
VOUT30
0
0
0
1
0
1
0
0
1
1
1
1
1
X
VOUT31
0
0
0
1
0
1
0
1
0
0
0
0
0
X
MON_IN1
0
0
0
1
0
1
0
1
0
0
0
0
1
X
MON_IN2
0
0
0
1
0
1
0
1
0
0
1
0
X
MON_IN3
0
0
0
1
0
0
1
0
0
0
1
1
X
MON_IN4
0
0
0
1
0
1
0
1
0
0
1
0
0
X
Undefined
0
0
0
1
0
1
0
1
0
0
1
0
1
X
Undefined
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
0
0
0
1
0
1
0
1
1
1
1
1
0
X
Undefined
0
0
0
1
0
1
0
1
1
1
1
1
1
X
Three-State
DB13–DB8
CHANNEL ADDRESS
AD5382
CHANNEL
MONITOR
DECODING
000
101
0
VOUT0
VOUT1
VOUT31
VOUT30
MON_OUT
REG1 REG0 A4 A3 A2 A1 A0
MON_IN1
MON_IN2
MON_IN3
MON_IN4
Figure 28. Channel Monitor Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com