Electronic Components Datasheet Search
  English  ▼

X  

AD5123 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5123
Description  Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5123 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5123 Datasheet HTML 8Page - Analog Devices AD5123 Datasheet HTML 9Page - Analog Devices AD5123 Datasheet HTML 10Page - Analog Devices AD5123 Datasheet HTML 11Page - Analog Devices AD5123 Datasheet HTML 12Page - Analog Devices AD5123 Datasheet HTML 13Page - Analog Devices AD5123 Datasheet HTML 14Page - Analog Devices AD5123 Datasheet HTML 15Page - Analog Devices AD5123 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5123/AD5143
Data Sheet
Rev. B | Page 12 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. INTERNALLY CONNECT THE
EXPOSED PAD TO VSS.
12
11
10
1
3
4
9
2
A1
W1
B1
W3
VDD
B4
W4
B2
AD5123/
AD5143
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A1
Terminal A of RDAC1. VSS ≤ VA ≤ VDD.
2
W1
Wiper Terminal of RDAC1. VSS ≤ VW ≤ VDD.
3
B1
Terminal B of RDAC1. VSS ≤ VB ≤ VDD.
4
W3
Wiper Terminal of RDAC3. VSS ≤ VW ≤ VDD.
5
B3
Terminal B of RDAC3. VSS ≤ VB ≤ VDD.
6
VSS
Negative Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
7
A2
Terminal A of RDAC2. VSS ≤ VA ≤ VDD.
8
W2
Wiper Terminal of RDAC2. VSS ≤ VW ≤ VDD.
9
B2
Terminal B of RDAC2. VSS ≤ VB ≤ VDD.
10
W4
Wiper Terminal of RDAC4. VSS ≤ VW ≤ VDD.
11
B4
Terminal B of RDAC4. VSS ≤ VB ≤ VDD.
12
VDD
Positive Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
13
SCL
Serial Clock Line. Data is clocked in at the logic low transition.
14
SDA
Serial Data Input/Output.
15
ADDR
Programmable Address for Multiple Package Decoding.
16
GND
Ground Pin, Logic Ground Reference.
EPAD
Internally Connect the Exposed Paddle to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com