Electronic Components Datasheet Search
  English  ▼

X  

AD5252 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5252
Description  Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252 Datasheet(HTML) 2 Page - Analog Devices

  AD5252 Datasheet HTML 1Page - Analog Devices AD5252 Datasheet HTML 2Page - Analog Devices AD5252 Datasheet HTML 3Page - Analog Devices AD5252 Datasheet HTML 4Page - Analog Devices AD5252 Datasheet HTML 5Page - Analog Devices AD5252 Datasheet HTML 6Page - Analog Devices AD5252 Datasheet HTML 7Page - Analog Devices AD5252 Datasheet HTML 8Page - Analog Devices AD5252 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5251/AD5252
Data Sheet
Rev. E | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Electrical Characteristics ................................................................. 3
1 kΩ Version.................................................................................. 3
10 kΩ, 50 kΩ, 100 kΩ Versions .................................................. 5
Interface Timing Characteristics................................................ 7
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
I2C Interface..................................................................................... 14
I2C Interface General Description............................................ 14
I2C Interface Detail Description............................................... 15
I2C-Compatible 2-Wire Serial Bus........................................... 20
Theory of Operation ...................................................................... 21
Linear Increment/Decrement Commands ............................. 21
±6 dB Adjustments (Doubling/Halving Wiper Setting) ....... 21
Digital Input/Output Configuration........................................ 21
Multiple Devices on One Bus ................................................... 22
Terminal Voltage Operation Range ......................................... 22
Power-Up and Power-Down Sequences.................................. 22
Layout and Power Supply Biasing............................................ 23
Digital Potentiometer Operation ............................................. 23
Programmable Rheostat Operation......................................... 23
Programmable Potentiometer Operation ............................... 24
Applications Information .............................................................. 25
LCD Panel VCOM Adjustment.................................................... 25
Current-Sensing Amplifier ....................................................... 25
Adjustable High Power LED Driver ........................................ 25
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 27
REVISION HISTORY
11/2017—Rev. D to Rev. E
Changes to Features Section and General Description Section........ 1
Changes to Theory of Operation Section.................................... 21
Changes to Ordering Guide .......................................................... 27
9/2012—Rev. C to Rev. D
Changed Temperature Range from –40°C to +85°C to –40°C to
+105°C (Throughout) ...................................................................... 1
Changed
EE
AA
Leakage Current from 5 µA to 8 µA, Table 1........ 4
WP
Changed
AA
WPEE
AA
Leakage Current from 5 µA to 8 µA, Table 2........ 5
Changes to Figure 11 and Figure 12............................................. 11
12/2011—Rev. B to Rev. C
Changes to Theory of Operation Section.................................... 21
Changes to Ordering Guide .......................................................... 27
10/2009—Rev. A to Rev. B
Changes to Figure 15...................................................................... 12
Changes to Figure 27...................................................................... 15
9/2005—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Change to Figure 6 ......................................................................... 10
Changes to Figure 28...................................................................... 15
Changes to Figure 29...................................................................... 17
Changes to RDAC/EEMEM Quick Commands Section .......... 18
Changes to EEMEM Write Protection Section .......................... 18
Changes to Figure 37...................................................................... 22
Deleted Table 13 and Table 14 ...................................................... 23
Change to Figure 42 ....................................................................... 24
Change to Figure 46 ....................................................................... 25
Changes to Ordering Guide.......................................................... 27
6/2004—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com