Electronic Components Datasheet Search
  English  ▼

X  

ADF4356 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4356 Datasheet HTML 19Page - Analog Devices ADF4356 Datasheet HTML 20Page - Analog Devices ADF4356 Datasheet HTML 21Page - Analog Devices ADF4356 Datasheet HTML 22Page - Analog Devices ADF4356 Datasheet HTML 23Page - Analog Devices ADF4356 Datasheet HTML 24Page - Analog Devices ADF4356 Datasheet HTML 25Page - Analog Devices ADF4356 Datasheet HTML 26Page - Analog Devices ADF4356 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
ADF4356
Rev. A | Page 23 of 35
D3
0
DISABLED
1
ENABLED
DB31
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
BP1
0
1
D14
D13
D12
D11
D10
BL1
0
D8
D3
D2
D1
C4(0) C3(1) C2(1)
CONTROL
BITS
CHARGE PUMP BLEED CURRENT
RF DIVIDER
SELECT1
RESERVED
D2
D1
0
0
–4dBm
0
1
–1dBm
1
0
+2dBm
1
1
+5dBm
D6
0
1
D8
MUTE TILL
LOCK DETECT
0
MUTE DISABLED
1
MUTE ENABLED
D13
FEEDBACK
SELECT
0
FUNDAMENTAL
1
DIVIDED
D14
RF OUTPUT B
SELECT
0
FUNDAMENTAL
1
MIRROR RFOUTA
C1(0)
D12
D11
RF DIVIDER SELECT
0
0
÷1
0
0
÷2
0
1
÷4
0
1
÷8
D10
0
1
0
1
1
1
1
0
0
1
÷16
÷32
÷64
0
1
0
BL8
BL7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
BL2
BL1
BLEED CURRENT
0
0
0
1
1
(3.75µA)
0
0
1
0
2
(7.5µA)
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
0
0
(945µA)
252
1
1
0
1
253
(948.75µA)
1
1
1
0
254
(952.5µA)
1
1
1
1
255
(956.25µA)
BL2
BL3
BL4
BL5
BL6
BL7
BL8
BL9
BL9
NEGATIVE BLEED
0
ENABLED
1
DISABLED
1
BL10 GATED BLEED
0
ENABLED
1
DISABLED
BP1
BLEED POLARITY
0
POSITIVE
1
NEGATIVE
BL10
1BITS[DB23:DB21] ARE BUFFERED BY A WRITE TO REGISTER 0 WHEN THE DOUBLE BUFFER BIT, BIT DB14 OF REGISTER 4, IS ENABLED.
RF
OUTPUT A
POWER
RF
OUTPUT B
POWER
0
RF OUTPUT A
ENABLE
0
0
–4dBm
0
1
–1dBm
1
0
+2dBm
1
1
+5dBm
RF OUTPUT B
POWER
RF OUTPUT A
POWER
RF OUTPUT B
ENABLE
DISABLED
ENABLED
D6
D5
D4
D5
D4
Figure 34. Register 6
REGISTER 6
Control Bits
With [C4:C1] set to 0110, Register 6 is programmed. Figure 34
shows the input data format for programming this register.
Bleed Polarity
DB31 sets the polarity of the charge pump bleed current.
Gated Bleed
Bleed currents can be used for improving phase noise and spurs;
however, due to a potential impact on lock time, the gated bleed
bit, BL10 (Bit DB30), if set to 1, ensures bleed currents are not
switched on until the digital lock detect asserts logic high. Note
that this function requires digital lock detect to be enabled.
Negative Bleed
Use of constant negative bleed is recommended for most
fractional-N applications because it improves the linearity of
the charge pump, leading to lower noise and spurious signals than
leaving it off. To enable negative bleed, write 1 to BL9 (Bit DB29),
and to disable negative bleed, write 0 to BL9 (Bit DB29).
Do not use negative bleed when operating in Integer-N mode,
that is, FRAC1 = FRAC2 = 0. Do not use negative bleed for fPFD
greater than 100 MHz.
Reserved
Bits[DB28:DB26] are reserved and must be set to 101. Bit DB12
is reserved and must be set to 0. Bit DB10 is reserved and must
be set to 0.
RF Output B Select
D14 (Bit DB25) enables the RF output B (RFOUTB+/RFOUTB−) to
selects the fundamental output from the VCO. When this bit is
disabled, RFOUTB+/RFOUTB− is a duplicate of RFOUTA+/RFOUTA−.
Feedback Select
D13 (Bit DB24) selects the feedback from the output of the
VCO to the N counter. When D13 is set to 1, the signal is taken
directly from the VCO. When this bit is set to 0, the signal is
taken from the output of the output dividers. The dividers
enable coverage of the wide frequency band (54 MHz to
6800 MHz). When the divider is enabled and the feedback
signal is taken from the output, the RF output signals of two
separately configured PLLs are in phase. Divided feedback is
useful in some applications where the positive interference of
signals is required to increase the power.
Divider Select
D12 to D10 (Bits[DB23:DB21]) select the value of the RF output
divider (see Figure 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com