Electronic Components Datasheet Search
  English  ▼

X  

ADF4356BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 16Page - Analog Devices ADF4356BCPZ Datasheet HTML 17Page - Analog Devices ADF4356BCPZ Datasheet HTML 18Page - Analog Devices ADF4356BCPZ Datasheet HTML 19Page - Analog Devices ADF4356BCPZ Datasheet HTML 20Page - Analog Devices ADF4356BCPZ Datasheet HTML 21Page - Analog Devices ADF4356BCPZ Datasheet HTML 22Page - Analog Devices ADF4356BCPZ Datasheet HTML 23Page - Analog Devices ADF4356BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
ADF4356
Data Sheet
Rev. A | Page 20 of 35
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
C1(1)
C2(1)
C3(0)
C4(0)
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
P16
P17
P18
P19
P20
P21
P22
P23
P24
PA1
PR1
SD1
0
DBR1
24-BIT PHASE VALUE (PHASE)
CONTROL
BITS
PHASE VALUE (PHASE)
P1
P2
....
P23
P24
0
0
0
....
0
0
1
1
0
....
0
0
2
0
1
....
0
0
3
1
1
....
0
0
.
.
.
....
.
.
.
.
.
....
.
.
.
.
.
....
.
.
16777212
0
0
....
1
1
16777213
1
0
....
1
1
16777214
0
1
....
1
1
16777215
1DBR = DOUBLE BUFFERED REGISTER–BUFFERED BY THE WRITE TO REGISTER 0.
1
1
....
1
1
PA1
0
1
DISABLED
ENABLED
PHASE
ADJUST
PR1
0
1
DISABLED
ENABLED
PHASE
RESYNC
SD1
0
1
ON REGISTER0 UPDATE
DISABLED
SD LOAD
RESET
Figure 31. Register 3
REGISTER 3
Control Bits
With Bits[C4:C1] set to 0011, Register 3 is programmed. Figure 31
shows the input data format for programming this register.
Reserved
Bit DB31 is reserved and must be set to 0.
SD Load Reset
When writing to Register 0, the Σ-Δ modulator resets. For
applications in which the phase is continually adjusted, this may
not be desirable; therefore, in these cases, the Σ-Δ reset can be
disabled by writing a 1 to the SD1 bit (Bit DB30).
Phase Resync
To use the phase resynchronization feature, the PR1 bit (Bit DB29)
must be set to 1. If unused, the bit can be programmed to 0. The
phase resync activation timeout value must also be used in
Register 12 to ensure that the resynchronization feature is applied
after the PLL settles to the final frequency. If the PLL has not settled
to the final frequency, phase resync may not function correctly.
Resynchronization is useful in phased array and beam forming
applications. It ensures repeatability of output phase when
programming the same frequency. In phase critical applications
that use frequencies requiring the output divider (<3400 MHz),
it is necessary to feed the N divider with the divided VCO
frequency as distinct from the fundamental VCO frequency,
which is achieved by programming the D13 bit (Bit DB24) in
Register 6 to 0, which ensures divided feedback to the N divider.
For resync applications, enable the Σ-Δ modulator load reset
(SD load reset) in Register 3 by setting DB30 to 0.
The phase of the RF output frequency can be adjusted in 24-bit
steps from 0° (0) to 360° (224 − 1) relative to the resync phase.
For phase adjustment applications, the phase is set by Bits[P24:P1].
(Phase Value/16,777,216) × 360°
Practically, this means that repeatable adjustable phase values can
be achieved by using the resync feature with different phase values.
Phase Adjustment
To adjust the relative output phase of the ADF4356 on each
Register 0 update, set the PA1 bit (Bit DB28) to 1. This feature
differs from the resynchronization feature in that it is useful when
adjustments to phase are made continually in an application.
For this function, disable the VCO automatic calibration by
setting the AC1 bit (Bit DB21) in Register 0 to 1, and disable the
SD load reset by setting the SD1 bit (Bit DB30) in Register 3 to 1.
24-Bit Phase Value
The phase of the RF output frequency can adjust in 24-bit steps,
from 0° (0) to 360° (224 − 1). For phase adjust applications, the
phase is set by
(Phase Value/16,777,216) × 360°
When the phase value is programmed to Register 3, each
subsequent adjustment of Register 0 increments the phase by
the value in this equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com