Electronic Components Datasheet Search
  English  ▼

X  

HMC4069LP4E Datasheet(PDF) 12 Page - Analog Devices

Part # HMC4069LP4E
Description  2.9 GHz INTEGER-N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC4069LP4E Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC4069LP4E Datasheet HTML 4Page - Analog Devices HMC4069LP4E Datasheet HTML 5Page - Analog Devices HMC4069LP4E Datasheet HTML 6Page - Analog Devices HMC4069LP4E Datasheet HTML 7Page - Analog Devices HMC4069LP4E Datasheet HTML 8Page - Analog Devices HMC4069LP4E Datasheet HTML 9Page - Analog Devices HMC4069LP4E Datasheet HTML 10Page - Analog Devices HMC4069LP4E Datasheet HTML 11Page - Analog Devices HMC4069LP4E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
HMC4069LP4E
v02.0316
2.9 GHz INTEGER-N SYNTHESIZER
(N = 2 - 32)
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC4069LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[1]
H4069
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com