Electronic Components Datasheet Search
  English  ▼

X  

PAM8610 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8610
Description  10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8610 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8610 Datasheet HTML 1Page - Diodes Incorporated PAM8610 Datasheet HTML 2Page - Diodes Incorporated PAM8610 Datasheet HTML 3Page - Diodes Incorporated PAM8610 Datasheet HTML 4Page - Diodes Incorporated PAM8610 Datasheet HTML 5Page - Diodes Incorporated PAM8610 Datasheet HTML 6Page - Diodes Incorporated PAM8610 Datasheet HTML 7Page - Diodes Incorporated PAM8610 Datasheet HTML 8Page - Diodes Incorporated PAM8610 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PAM8610
Document number: DSxxxxx Rev. 1 - 2
4 of 15
www.diodes.com
June 2013
© Diodes Incorporated
PAM8610
A Product Line of
Diodes Incorporated
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
7 to 15
V
Maximum Volume Control Pins,
Input Pins Voltage
0 to +5.0
High Level Input Voltage:
SD
2.0 to VDD
V
MUTE, FADE
2.0 to 5.0
Low Level Input Voltage:
SD
0 to +0.3
V
MUTE, FADE
0 to +0.3
Ambient Operating Temperature
-20 to +85
°C
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
QFN6mm*6mm
θJA
18.1
°C/W
Thermal Resistance (Junction to Case)
QFN6mm*6mm
θJC
7.6
The Exposed PAD must be soldered to a thermal land on the PCB.
Electrical Characteristics (@TA = +25°C, VDD = 12V, RL = 8Ω, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
7.0
12
15
V
Continuous Output Power
PO
THD+N = 0.1%, f = 1kHz, RL = 8Ω
5
W
THD+N = 1.0%, f = 1kHz, RL = 8Ω
8
THD+N = 10%, f = 1kHz, RL = 8Ω,
VDD = 13V
10
THD+N = 0.1%, f = 1kHz, RL = 4Ω (Note 3)
15
Total Harmonic Distortion plus Noise
THD+N
PO = 5W, f = 1kHz, RL = 8Ω
0.1
%
Quiescent Current
IDD
No Load
20
30
mA
Supply Quiescent Current in
Shutdown Mode
ISD
Shutdown = 0V
4
10
µA
Drain-Source On-State Resistance
RDS(ON)
VCC = 12V
IO = 1A
TJ = +25°C
High Side
200
m
Ω
Low Side
200
Total
400
Power Supply Ripple Rejection
PSRR
1VPP Ripple, f = 1kHz,
Inputs AC-Coupled to Ground
-60
dB
Oscillator Frequency
fOSC
ROSC = 120kΩ, COSC = 220pF
250
kHz
Output Integrated Noise Floor
VN
20Hz to 22kHz, A-Weighting
-90
dB
Crosstalk
CS
PO = 3W, RL = 8Ω, f = 1kHz
-80
dB
Signal to Noise Ratio
SNR
Maximum output at THD+N < 0.5%,
f = 1kHz
80
dB
Output Offset Voltage
(measured differentially)
|VOS|
INN and INP connected together
30
mV
2.5V Bias Voltage
V2P5
No Load
2.5
V
Internal Analog Supply Voltage
AVDD
VDD = 7V to 15V
5.0
5.5
V
Over Temperature Shutdown
OTS
150
°C
Thermal Hysteresis
OTH
40
°C
Note:
3. Heat sink is required for high power output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com