Electronic Components Datasheet Search
  English  ▼

X  

PAM8615 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8615
Description  16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8615 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8615 Datasheet HTML 1Page - Diodes Incorporated PAM8615 Datasheet HTML 2Page - Diodes Incorporated PAM8615 Datasheet HTML 3Page - Diodes Incorporated PAM8615 Datasheet HTML 4Page - Diodes Incorporated PAM8615 Datasheet HTML 5Page - Diodes Incorporated PAM8615 Datasheet HTML 6Page - Diodes Incorporated PAM8615 Datasheet HTML 7Page - Diodes Incorporated PAM8615 Datasheet HTML 8Page - Diodes Incorporated PAM8615 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PAM8615
Document number: DSxxxxx Rev. 1 - 1
5 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8615
A Product Line of
Diodes Incorporated
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VCC)
10 to 26
V
DCV Volume Control Pin
0 to 5
fOSC Oscillator Frequency (ROSC = 100kΩ)
250 to 350
kHz
TA – Operating Free-Air Temperature
-40 to +85
°C
Ambient Operating Temperature
-20 to +85
Ambient Temperature Range
-40 to +160
Junction Temperature Range
-40 to +85
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
TSSOP-24
θJA
30
°C/W
Electrical Characteristics (@TA = +25°C, VCC = 24V, Gain = 20dB, RL = 4Ω, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Class-D Output Offset Voltage (measured differently)
|VOS|
VI = 0V, AV = 36dB
10
65
mV
Quiescent Supply Current
ICC
SHDN = 2V, MUTE = 0V, Input
AC_GND, No load
25
40
mA
Quiescent Supply Current in Mute Mode
ICC(MUTE)
MUTE = 2V, No load
25
40
mA
Quiescent Supply Current in Shutdown Mode
ICC(SD)
SHDN = 0.5V, No load
5
20
µA
Oscillator Frequency
fOSC
ROSC = 100kΩ
323
kHz
Drain-Source On-State Resistance
RDS(ON)
VCC = 24V,IO = 1A, TA = 27°C
220
mΩ
Power Supply Rejection Ratio
PSRR
VCC = 23.5V to 24.5V
-60
dB
Output Power at 1% THD+N
PO(SE)
VCC = 24V, RL = 4Ω, f = 1kHz
14
W
VCC = 24V, RL = 8Ω, f = 1kHz
8.2
Output Power at 10% THD+N
VCC = 24V, RL = 4Ω, f = 1kHz
17.3
VCC = 24V, RL = 8Ω, f = 1kHz
9.8
Output Power at 1% THD+N
PO(BTL)
VCC = 24V, RL = 8Ω, f = 1kHz
27
W
VCC = 12V, RL=8Ω, f = 1kHz
7
Output Power at 10% THD+N
VCC = 24V, RL = 8Ω, f = 1kHz
35
VCC = 12V, RL = 8Ω, f = 1kHz
9
Total Harmonic Distortion + Noise
THD+N
RL = 4Ω, f = 1kHz, Po = 10W
0.25%
RL = 8Ω, f = 1kHz, Po = 5W
0.15%
Output Integrated Noise Floor
VN
20Hz to 22kHz, A-weighted
filter, Gain = 20dB
-67
dBV
Crosstalk
CS
PO = 1W, f = 1kHz, Gain = 20dB
-60
dB
Signal-to-Noise Ratio
SNR
Max output at THD+N<1%,
f = 1kHz, Gain = 20dB
86
dB
Thermal Trip Point
160
°C
Thermal Hystersis
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com