Electronic Components Datasheet Search
  English  ▼

X  

PAM8620 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8620
Description  15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8620 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8620 Datasheet HTML 1Page - Diodes Incorporated PAM8620 Datasheet HTML 2Page - Diodes Incorporated PAM8620 Datasheet HTML 3Page - Diodes Incorporated PAM8620 Datasheet HTML 4Page - Diodes Incorporated PAM8620 Datasheet HTML 5Page - Diodes Incorporated PAM8620 Datasheet HTML 6Page - Diodes Incorporated PAM8620 Datasheet HTML 7Page - Diodes Incorporated PAM8620 Datasheet HTML 8Page - Diodes Incorporated PAM8620 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAM8620
Document number: DSxxxxx Rev. 1 - 0
1 of 13
www.diodes.com
June 2013
© Diodes Incorporated
PAM8620
A Product Line of
Diodes Incorporated
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Description
The PAM8620 is a 15W (per channel) stereo Class-D audio amplifier
which offers low THD+N (0.2%), low EMI and good PSRRd thus high-
quality sound reproduction.
The PAM8620 runs off of an 8V to 26V supply at much higher
efficiency than competitors’ Ics.
The
PAM8620
only
requires
very
few
external
components,
significantly saving cost and board space.
The PAM8620 is available in a QFN5x5-32L package.
Features
•
15Wx2 Into a 8
Ω Speaker
•
Low Noise: -90dB
•
Over 90% Efficiency
•
Shutdown/ Mute Function
•
Over Current ,OVP,UVLO,Thermal and Short-Circuit Protection
•
Low THD+N
•
Power Limit with Non-Clip
•
Low Quiescent Current
•
Pop Noise Suppression
•
Small Package Outlines: QFN5x5-32L
•
Pb-Free Package (RoHS Compliant)
Pin Assignments
Applications
•
Flat Monitor /LCD TVs
•
Multi-media Speaker System
•
DVD Players, Game Machines
•
Boom Box
•
Music Instruments
Typical Applications Circuit


Similar Part No. - PAM8620

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620TR PAM-PAM8620TR Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
More results

Similar Description - PAM8620

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com