Electronic Components Datasheet Search
  English  ▼

X  

ZXTR2008Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTR2008Z
Description  REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2008Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTR2008Z Datasheet HTML 1Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 2Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 3Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 4Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 5Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 6Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTR2008Z
Document number: DS36232 Rev. 4 - 2
1 of 7
www.diodes.com
April 2017
© Diodes Incorporated
ZXTR2008Z
100V INPUT, 8.2V 30mA REGULATOR TRANSISTOR
Description
The ZXTR2008Z monolithically integrates a transistor, Zener diode
and resistor to function as a high voltage linear regulator. The device
regulates with an 8.2V nominal output at 15mA. It is designed for use
in high voltage applications where standard linear regulators cannot
be used. This function is fully integrated into a SOT89 package,
minimizing PCB area and reducing number of components when
compared with a multi-chip discrete solution.
Applications
Supply Voltage Regulation in:
 Startup Switch in DC-DC Converters
 Networking
 Telecommunications
 Power over Ethernet (PoE)
Features
Series Linear Regulator Using Emitter-Follower Stage
Input Voltage = 12V to 100V (For Regulated Output Voltage)
Output Voltage = 8.2V ± 10%
150k
Ω Resistor to Limit Quiescent Current
Fully Integrated into a SOT89 package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 for High Reliability
Mechanical Data
Case: SOT89
Case M
aterial: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Ordering Information (Note 4)
Product
Package
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXTR2008Z-7
SOT89
1S4
7
12
1,000
ZXTR2008Z-13
SOT89
1S4
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Pin Name
Pin Function
VIN
Input Supply
GND
Power Ground
VOUT
Voltage Output
1S4 = Product Type Marking Code
Top View
Pin-Out
Top View
Internal Device
Schematic
SOT89
150k
Ω


Similar Part No. - ZXTR2008Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008Z DIODES-ZXTR2008Z Datasheet
257Kb / 7P
100V INPUT, 8V 30mA REGULATOR TRANSISTOR
Rev 1
More results

Similar Description - ZXTR2008Z

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
Zetex Semiconductors
ZBD949 ZETEX-ZBD949 Datasheet
257Kb / 7P
PNP LOW DROPOUT REGULATOR TRANSISTOR
logo
Diodes Incorporated
ZXTR2012K DIODES-ZXTR2012K Datasheet
278Kb / 7P
100V INPUT, 12V 50mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 3
logo
Seiko Instruments Inc
S-8353A20MC-IQFT2X SII-S-8353A20MC-IQFT2X Datasheet
2Mb / 49P
BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Diodes Incorporated
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
100V INPUT, 5V 40mA REGULATOR TRANSISTOR
Rev 2
ZXTR2012K DIODES-ZXTR2012K_17 Datasheet
383Kb / 7P
REGULATOR TRANSISTOR
Rev 2
ZXTR2012P5 DIODES-ZXTR2012P5_17 Datasheet
471Kb / 7P
REGULATOR TRANSISTOR
Rev 2
ZXTR2012Z DIODES-ZXTR2012Z_17 Datasheet
376Kb / 7P
REGULATOR TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com