Electronic Components Datasheet Search
  English  ▼

X  

MBM29PL64LM10 Datasheet(PDF) 2 Page - SPANSION

Part # MBM29PL64LM10
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10 Datasheet(HTML) 2 Page - SPANSION

  MBM29PL64LM10 Datasheet HTML 1Page - SPANSION MBM29PL64LM10 Datasheet HTML 2Page - SPANSION MBM29PL64LM10 Datasheet HTML 3Page - SPANSION MBM29PL64LM10 Datasheet HTML 4Page - SPANSION MBM29PL64LM10 Datasheet HTML 5Page - SPANSION MBM29PL64LM10 Datasheet HTML 6Page - SPANSION MBM29PL64LM10 Datasheet HTML 7Page - SPANSION MBM29PL64LM10 Datasheet HTML 8Page - SPANSION MBM29PL64LM10 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
DS05-20902-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
64 M (8M
×××× 8/4M ×××× 16) BIT
MirrorFlashTM*
MBM29PL64LM 90/10
s
s
s
s DESCRIPTION
The MBM29PL64LM is a 64M-bit, 3.0 V-only Flash memory organized as 8M bytes by 8 bits or 4M words by 16
bits. The MBM29PL64LM is offered in 48-pin, 58-pin TSOP(1) and 80-ball FBGA. The device is designed to be
programmed in-system with the standard 3.0 V VCC supply. 12.0 V VPP and 5.0 V VCC are not required for write
or erase operations. The devices can also be reprogrammed in standard EPROM programmers.
(Continued)
s PRODUCT LINE UP
s
s
s
s PACKAGES
* : MirrorFlashTM is a trademark of Fujitsu Limited.
Notes :
• Programming in byte mode ( × 8) is prohibited.
• Programming to the address that already contains data is prohibited.
(It is mandatory to erase data prior to overprogram on the same address.)
Part No.
MBM29PL64LM
90
10
VCC
3.0 V to 3.6 V
3.0 V to 3.6 V
Max Address Access Time
90 ns
100 ns
Max CE Access Time
90 ns
100 ns
Max Page Read Access Time
25 ns
30 ns
48-pin plastic TSOP (1)
56-pin plastic TSOP (1)
80-ball plastic FBGA
(FPT-48P-M19)
(FPT-56P-M01)
(BGA-80P-M01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69