Electronic Components Datasheet Search
  English  ▼

X  

LM98640CVAL Datasheet(PDF) 9 Page - Texas Instruments

Part # LM98640CVAL
Description  Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640CVAL Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 5Page - Texas Instruments LM98640CVAL Datasheet HTML 6Page - Texas Instruments LM98640CVAL Datasheet HTML 7Page - Texas Instruments LM98640CVAL Datasheet HTML 8Page - Texas Instruments LM98640CVAL Datasheet HTML 9Page - Texas Instruments LM98640CVAL Datasheet HTML 10Page - Texas Instruments LM98640CVAL Datasheet HTML 11Page - Texas Instruments LM98640CVAL Datasheet HTML 12Page - Texas Instruments LM98640CVAL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
VA
AGND
To Internal Circuitry
I/O
9
LM98640QML-SP
www.ti.com
SNAS461F – MAY 2010 – REVISED OCTOBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the supply rails will not damage the device, provided
the current is limited per Note 2 under the LM98640QML-SP Electrical Characteristics(1)(2). However, input errors will be generated If the
input goes above VDD33 and below VSS.
(2)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < VSS or VIN > VDD33), the current at that pin should be
limited to 25 mA. The 50-mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
6.6 LM98640QML-SP Electrical Characteristics
(1) (2)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
CMOS DIGITAL INPUT DC SPECIFICATIONS (SCLK, SEN, SDI, CLPIN)
VIH
Logical “1” Input Voltage
1, 2, 3
2.0
V
VIL
Logical “0” Input Voltage
1, 2, 3
0.8
V
IIH
Logical “1” Input Current
VIH = VDD33
CLPIN
1, 2, 3
70
100
μA
SCLK, SDI
40
300
nA
SEN
0.2
6
μA
IIL
Logical “0” Input Current
VIL = VSS
CLPIN
1, 2, 3
–300
–85
nA
SCLK, SDI
–300
–50
nA
SEN
–100
–70
μA
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (SDO)
VOH
Logical "1" Output Voltage
IOUT = –0.5 mA
1, 2, 3
1.8
1.93
V
VOL
Logical "0" Output Voltage
IOUT = 1.6 mA
1, 2, 3
0.05
0.2
V
IOH
Output Leakage Current
VOUT = VDD
1, 2, 3
20
50
nA
IOL
Output Leakage Current
VOUT = VSS
1, 2, 3
–50
–20
nA
LVDS CLOCK RECEIVER DC SPECIFICATIONS (INCLK+ and INCLK– Pins)
VIHL
Differential LVDS Clock
RL = 100 Ω
1, 2, 3
100
250
mV
High Threshold Voltage
VCM (LVDS Input Common
Mode Voltage) = 1.25 V
VILL
Differential LVDS Clock
RL = 100 Ω
1, 2, 3
–250
–100
mV
Low Threshold Voltage
VCM (LVDS Input Common
Mode Voltage) = 1.25 V
IIHL
Differential LVDS Clock Input
Current
VIH = VDD33
1, 2, 3
70
100
μA
IILL
Differential LVDS Clock Input
Current
VIL = VSS
1, 2, 3
–49
–34
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com