Electronic Components Datasheet Search
  English  ▼

X  

UL22 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UL22
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UL22 Datasheet HTML 3Page - Unisonic Technologies UL22 Datasheet HTML 4Page - Unisonic Technologies UL22 Datasheet HTML 5Page - Unisonic Technologies UL22 Datasheet HTML 6Page - Unisonic Technologies UL22 Datasheet HTML 7Page - Unisonic Technologies UL22 Datasheet HTML 8Page - Unisonic Technologies UL22 Datasheet HTML 9Page - Unisonic Technologies UL22 Datasheet HTML 10Page - Unisonic Technologies UL22 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R125-088.a
FUNCTIONAL DESCRIPTION (Cont.)
Refer to the dimming flowchart in Figure 3 and a reference design circuit in Figure 4. When AC input voltage is
applied to the LED Driver, the controller will be activated and started switching operation when the VDD voltage
exceeds 15.0V. The first-string of LEDs for example, Cool-White is activated by Q2 (SW1 signal). Its current is
detected by resistors R10 and R17. The detected voltage is compared with an internal reference then controller
outputs DRV duty signal with appropriate turn-on time. This regulates the LEDs current to the current setting level.
While Q2 (SW1) is initially turned on, the switch Q3 (SW2) is turned OFF. As the AC input voltage is removed
(wall switch turned off), both the VDD and CLK pin voltage decrease. Once CLK signal falls below its OFF threshold
of approximately 1.0V, the internal timer activates. If the 19ms (milli-second) period is completed before VDD drops
below 9.5V, Q2 will be turned off and Q3 will be turned on when AC input is re-applied with VDD exceeds 15.0V.The
current flowing through the second-string of LEDs follows the same current setting.
Note that the DRV output will be turned off once the19ms period is completed. During 19ms period, VDD pin level
must be held and kept above OFF threshold for proper control.
Similarly, if the controller is subjected to another OFF-ON action of the AC power as described above, Q2 will be
turned on while Q3 is OFF. The SW1 and SW2 can therefore select the LED channel to provide a light control.
If the AC input is re-applied after the VDD voltage drops below 4.0V, the controller and COLOR control temporal
circuit is reset. In this case, the circuit will result in Q2 being turned ON while Q3 is OFF; same as mentioned in the
initial AC power ON condition.
Gate Driver
The totem-pole DRV output delivers the gate-drive signal to the external power MOSFET. A proprietary
soft-clamp technique limits the output driver at 19.5V maximum. It is used to protect the external power MOSFET
from being over stressed.
Both SW1 and SW2 outputs deliver the gate-drive signals to the external MOSFETs for 2-channel LED color
control. The gate clamping voltage is 19.5V maximum.
Leading-Edge Blanking Time
In applications, when MOSFET Q1 is switched on, a current spike may occur at CS pin due to parasitic
components in the circuit. The controller employs a built-in filter to ignore the initial 750ns period of each switching
cycle at CS signal to avoid the MOSFET being turned off inadvertently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com