Electronic Components Datasheet Search
  English  ▼

X  

UL23EB Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UL23EB
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EB Datasheet(HTML) 6 Page - Unisonic Technologies

  UL23EB Datasheet HTML 1Page - Unisonic Technologies UL23EB Datasheet HTML 2Page - Unisonic Technologies UL23EB Datasheet HTML 3Page - Unisonic Technologies UL23EB Datasheet HTML 4Page - Unisonic Technologies UL23EB Datasheet HTML 5Page - Unisonic Technologies UL23EB Datasheet HTML 6Page - Unisonic Technologies UL23EB Datasheet HTML 7Page - Unisonic Technologies UL23EB Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UL23EB
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R125-071.c
TYPICAL APPLICATION CIRCUIT (Cont.)
In the adjust color temperature application of UL23EB, User can change the state of the two output ports by turn
on/off the power switch, that adjust the color temperature through the light of two different colored LED lights.
Changing the REXT external resistance can adjustment the output power.
Open the switch for the 1st time, during constant current:
REXT2
0.6
I1=
R
Open the switch for the 2nd time, during constant current:
REXT1
REXT2
0.3
0.3
I2=
RR
Open the switch for the 3rd time, during constant current:
REXT1
0.6
I3=
R
Typical Applications:RREXT1=RREXT2=30Ω, 0.3S < Switching Period < 3S
Open the switch for the 1st time, IOUT2=30mA;
Open the switch for the 2nd time, IOUT1=I OUT2=15mA;
Open the switch for the 3rd time, I OUT1=30mA;
When the switching period > 3S, System reset.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com