| Electronic Components Datasheet Search |
|
XAM6546ACDXEAF Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6546ACDXEAF Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 299 page ![]() 79 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated 4.3.15 MCASP 4.3.15.1 MAIN Domain Table 4-37. MCASP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP0_ACLKR MCASP Receive Bit Clock IO W24 MCASP0_ACLKX MCASP Transmit Bit Clock IO V24 MCASP0_AFSR MCASP Receive Frame Sync IO AA27 MCASP0_AFSX MCASP Transmit Frame Sync IO W25 MCASP0_AHCLKR MCASP Receive Master Clock IO AA25 MCASP0_AHCLKX MCASP Transmit Master Clock IO U23 MCASP0_AXR0 MCASP Serial Data (Input/Output) IO Y24 MCASP0_AXR1 MCASP Serial Data (Input/Output) IO V28 MCASP0_AXR2 MCASP Serial Data (Input/Output) IO Y25 MCASP0_AXR3 MCASP Serial Data (Input/Output) IO U27 MCASP0_AXR4 MCASP Serial Data (Input/Output) IO V27 MCASP0_AXR5 MCASP Serial Data (Input/Output) IO V26 MCASP0_AXR6 MCASP Serial Data (Input/Output) IO U25 MCASP0_AXR7 MCASP Serial Data (Input/Output) IO AB25 MCASP0_AXR8 MCASP Serial Data (Input/Output) IO AD27 MCASP0_AXR9 MCASP Serial Data (Input/Output) IO AC26 MCASP0_AXR10 MCASP Serial Data (Input/Output) IO AD26 MCASP0_AXR11 MCASP Serial Data (Input/Output) IO AA24 MCASP0_AXR12 MCASP Serial Data (Input/Output) IO AD28 MCASP0_AXR13 MCASP Serial Data (Input/Output) IO U26 MCASP0_AXR14 MCASP Serial Data (Input/Output) IO V25 MCASP0_AXR15 MCASP Serial Data (Input/Output) IO U24 Table 4-38. MCASP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP1_ACLKR MCASP Receive Bit Clock IO AC27 MCASP1_ACLKX MCASP Transmit Bit Clock IO AB28 MCASP1_AFSR MCASP Receive Frame Sync IO AB26 MCASP1_AFSX MCASP Transmit Frame Sync IO AC28 MCASP1_AHCLKR MCASP Receive Master Clock IO AD28 MCASP1_AHCLKX MCASP Transmit Master Clock IO U26 MCASP1_AXR0 MCASP Serial Data (Input/Output) IO AA25 MCASP1_AXR1 MCASP Serial Data (Input/Output) IO U23 MCASP1_AXR2 MCASP Serial Data (Input/Output) IO AB27 MCASP1_AXR3 MCASP Serial Data (Input/Output) IO W28 MCASP1_AXR4 MCASP Serial Data (Input/Output) IO W27 MCASP1_AXR5 MCASP Serial Data (Input/Output) IO Y28 MCASP1_AXR6 MCASP Serial Data (Input/Output) IO AA28 MCASP1_AXR7 MCASP Serial Data (Input/Output) IO AB24 MCASP1_AXR8 MCASP Serial Data (Input/Output) IO AC25 MCASP1_AXR9 MCASP Serial Data (Input/Output) IO AD25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |