Electronic Components Datasheet Search
  English  ▼

X  

LDTC124GET1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LDTC124GET1G
Description  Bias Resistor Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTC124GET1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LDTC124GET1G Datasheet HTML 1Page - Leshan Radio Company LDTC124GET1G Datasheet HTML 2Page - Leshan Radio Company LDTC124GET1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
2/3
LDTC124GET1G
Electrical characteristic curves
1k
500
200
100
50
20
10
5
2
1
100
µ 200µ 500µ 1m 2m
5m
10m 20m
50m 100m
VCE
=5V
Fig.1 DC current gain
vs. Collector current
COLLECTOR CURRENT : IC
(A)
Ta
=100°C
Ta
=25°C
Ta
= −40°C
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
100
µ 200µ 500µ 1m 2m
5m
10m 20m
50m 100m
IC/IB
=20/1
Fig.2 Collector-Emitter saturation voltage
vs. Collector current
COLLECTOR CURRENT : IC
(A)
Ta
=100°C
Ta
=25°C
Ta
= −40°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com