Electronic Components Datasheet Search
  English  ▼

X  

LDTC124GET3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LDTC124GET3G
Description  Bias Resistor Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTC124GET3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LDTC124GET3G Datasheet HTML 1Page - Leshan Radio Company LDTC124GET3G Datasheet HTML 2Page - Leshan Radio Company LDTC124GET3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
COLLECTOR
2
EMITTER
1
BASE
R2
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
N9
3000/Tape & Reel
LESHAN RADIO COMPANY, LTD.
1/3
•
10000/Tape & Reel
We declare that the material of product compliance with
RoHS requirements.
LDTC124GET1G
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation,
making the device design easy.
Inverter, Interface, Driver
Features
•
• Applications
LDTC124GET1G
LDTC124GET3G
N9
22
22
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
1
2
3
SC-89
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
50
50
5
−
140
−
56
−
15.4
−
−
−
−
−
−
−
250
22
−
−
−
0.5
260
0.3
−
−
28.6
V
V
V
µA
µA
V
−
MHz
k
Ω
IC
= 50µA
IC
= 1mA
IE
= 330µA
VCB
= 50V
VEB
= 4V
IC
= 10mA , IB= 0.5mA
IC
= 5mA , VCE= 5V
VCE
= 10V , IE= −5mA , f= 100MHz ∗
−
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Emitter-base resistance
∗ Transition frequency of the device.
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
R
Parameter
Symbol
Pc
Tj
Tstg
Limits
50
50
5
100
200
150
−55 to +150
Unit
V
V
V
mA
mW
C
Collector power dissipation
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
C
VCBO
VCEO
VEBO
IC


Similar Part No. - LDTC124GET3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTC124GET1G LRC-LDTC124GET1G_15 Datasheet
486Kb / 3P
Bias Resistor Transistor
More results

Similar Description - LDTC124GET3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com