Electronic Components Datasheet Search
  English  ▼

X  

M4565 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M4565
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4565 Datasheet(HTML) 1 Page - Unisonic Technologies

  M4565 Datasheet HTML 1Page - Unisonic Technologies M4565 Datasheet HTML 2Page - Unisonic Technologies M4565 Datasheet HTML 3Page - Unisonic Technologies M4565 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCM4565
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-022,A
DUAL OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC M4565 integrated circuit is a high-gain,
wide-bandwidth, dual low noise operational amplifier
capable of driving 20V peak-to-peak into 400Ω load.
FEATURES
*Operating Voltage: ±4V~±18V
*Wide Gain Bandwidth Product: 4MHz (typ.)
*Slew Rate: 4V/μs (typ.)
DIP-8
SOP-8
TSSOP-8
PIN CONFIGURATION
OUT1
IN1(
-)
IN1(+)
Vcc -
Vcc +
OUT2
IN2(
-)
IN2(+)
1
2
3
4
8
7
5
6
- +
+ -


Similar Part No. - M4565

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
135Kb / 5P
DUAL OPERATIONAL AMPLIFIER
M4565G-D08-T UTC-M4565G-D08-T Datasheet
135Kb / 5P
DUAL OPERATIONAL AMPLIFIER
M4565G-P08-R UTC-M4565G-P08-R Datasheet
135Kb / 5P
DUAL OPERATIONAL AMPLIFIER
M4565G-S08-R UTC-M4565G-S08-R Datasheet
135Kb / 5P
DUAL OPERATIONAL AMPLIFIER
M4565 UTC-M4565_15 Datasheet
132Kb / 4P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - M4565

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com