Electronic Components Datasheet Search
  English  ▼

X  

S71PL129JC0 Datasheet(PDF) 120 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 120 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 116Page - SPANSION S71PL129JC0 Datasheet HTML 117Page - SPANSION S71PL129JC0 Datasheet HTML 118Page - SPANSION S71PL129JC0 Datasheet HTML 119Page - SPANSION S71PL129JC0 Datasheet HTML 120Page - SPANSION S71PL129JC0 Datasheet HTML 121Page - SPANSION S71PL129JC0 Datasheet HTML 122Page - SPANSION S71PL129JC0 Datasheet HTML 123Page - SPANSION S71PL129JC0 Datasheet HTML 124Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 149 page
background image
120
Type 2 pSRAM
pSRAM_Type02_15A1 June 25, 2004
Advance
Info rmation
Functional Description
Legend:X = Don’t care (must be low or high state).
Absolute Maximum Ratings
Notes:
1. Stresses greater than those listed under "Absolute Maximum Ratings" section may cause permanent damage to the device.
Functional operation should be restricted to be used under recommended operating condition. Exposure to absolute
maximum rating conditions longer than one second may affect reliability.
DC Recommended Operating Conditions
Notes:
1. TA=-40 to 85°C, unless otherwise specified.
2. Overshoot: VCC+1.0V in case of pulse width ≤ 20ns.
3. Undershoot: -1.0V in case of pulse width ≤ 20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
Mode
CS1#
CS2
OE#
WE#
LB#
UB#
I/O1-8
I/O9-16
Power
Deselected
H
X
X
X
X
X
High-Z
High-Z
Standby
Deselected
X
L
X
X
X
X
High-Z
High-Z
Standby
Deselected
X
X
X
X
H
H
High-Z
High-Z
Standby
Output Disabled
L
H
H
H
L
X
High-Z
High-Z
Active
Outputs Disabled
L
H
H
H
X
L
High-Z
High-Z
Active
Lower Byte Read
L
H
L
H
L
H
DOUT
High-Z
Active
Upper Byte Read
L
H
L
H
H
L
High-Z
DOUT
Active
Word Read
L
H
L
H
L
L
DOUT
DOUT
Active
Lower Byte Write
L
H
X
L
L
H
DIN
High-Z
Active
Upper Byte Write
L
H
X
L
H
L
High-Z
DIN
Active
Word Write
L
H
X
L
L
L
DIN
DIN
Active
Item
Symbol
Ratings
Unit
Voltage on any pin relative to VSS
VIN , VOUT
-0.2 to VCC+0.3V
V
Voltage on VCC supply relative to VSS
VCC
-0.2 to 3.6V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
°C
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power Supply Voltage
2.7
2.9
3.1
V
VSS
Ground
0
0
0
VIH
Input High Voltage
2.2
—
VCC + 0.3 (Note 2)
VIL
Input Low Voltage
-0.2 (Note 3)
—
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com