Electronic Components Datasheet Search
  English  ▼

X  

ICS252 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS252
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS252 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS252_12 Datasheet HTML 1Page - Integrated Device Technology ICS252_12 Datasheet HTML 2Page - Integrated Device Technology ICS252_12 Datasheet HTML 3Page - Integrated Device Technology ICS252_12 Datasheet HTML 4Page - Integrated Device Technology ICS252_12 Datasheet HTML 5Page - Integrated Device Technology ICS252_12 Datasheet HTML 6Page - Integrated Device Technology ICS252_12 Datasheet HTML 7Page - Integrated Device Technology ICS252_12 Datasheet HTML 8Page - Integrated Device Technology ICS252_12 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252
IDT® FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 1
ICS252
REV K 030212
Description
The ICS252 is a low cost, dual-output, field programmable
clock synthesizer. The ICS252 can generate two output
frequencies from 314 kHz to 200 MHz using up to two
independently configurable PLLs. The outputs may employ
Spread Spectrum techniques to reduce system
electro-magnetic interference (EMI).
Using IDT’s VersaClock™software to configure the PLL and
output, the ICS252 contains a One-Time Programmable
(OTP) ROM to allow field programmability. Programming
features include 2 selectable configuration registers.
The device employs Phase-Locked Loop (PLL) techniques
to run from a standard fundamental mode, inexpensive
crystal, or clock. It can replace multiple crystals and
oscillators, saving board space and cost.
The device also has a power-down feature that tri-states the
clock outputs and turns off the PLLs when the PDTS pin is
taken low.
The ICS252 is also available in factory programmed custom
versions for high-volume applications.
Features
• 8-pin SOIC package – Pb-free, RoHS compliant
• Two addressable registers
• Input crystal frequency of 5 to 27 MHz
• Clock input frequency of 3 to 150 MHz
• Output clock frequencies up to 200 MHz
• Configurable Spread Spectrum Modulation
• Operating voltage of 3.3 V
• Replaces multiple crystals and oscillators
• Controllable output drive levels
• Advanced, low-power CMOS process
Block Diagram
Crystal
Oscillator
GND
VDD
PDTS
PLL2
Divide
Logic
and
Output
Enable
Control
SEL
CLK2
CLK1
OTP
ROM
with
PLL
Values
X2
Crystal
External capacitors
are required.
X1
PLL1


Similar Part No. - ICS252_12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS252M-XX IDT-ICS252M-XX Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252M-XXLF IDT-ICS252M-XXLF Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252M-XXLFT IDT-ICS252M-XXLFT Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252M-XXT IDT-ICS252M-XXT Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252MI-XX IDT-ICS252MI-XX Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
More results

Similar Description - ICS252_12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com