Electronic Components Datasheet Search
  English  ▼

X  

NV021 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # NV021
Description  Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

NV021 Datasheet(HTML) 4 Page - Integrated Device Technology

  NV021 Datasheet HTML 1Page - Integrated Device Technology NV021 Datasheet HTML 2Page - Integrated Device Technology NV021 Datasheet HTML 3Page - Integrated Device Technology NV021 Datasheet HTML 4Page - Integrated Device Technology NV021 Datasheet HTML 5Page - Integrated Device Technology NV021 Datasheet HTML 6Page - Integrated Device Technology NV021 Datasheet HTML 7Page - Integrated Device Technology NV021 Datasheet HTML 8Page - Integrated Device Technology NV021 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NV021 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 26, 2016
4
TYPICAL PHASE NOISE AT 100MHZ
OFFSET FREQUENCY (HZ)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
100
1k
10k
100k
1M
10M
100M
Filter
Raw Phase Noise Data
Phase Noise Result by adding
a Filter to raw data
100MHz
RMS Phase Noise Jitter
637kHz to 10MHz = <2ps (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com