Electronic Components Datasheet Search
  English  ▼

X  

REM15-4805SW Datasheet(PDF) 3 Page - Recom International Power

Part # REM15-4805SW
Description  15 Watt 4:1 Input 1.6 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM15-4805SW Datasheet(HTML) 3 Page - Recom International Power

  REM15-4805SW Datasheet HTML 1Page - Recom International Power REM15-4805SW Datasheet HTML 2Page - Recom International Power REM15-4805SW Datasheet HTML 3Page - Recom International Power REM15-4805SW Datasheet HTML 4Page - Recom International Power REM15-4805SW Datasheet HTML 5Page - Recom International Power REM15-4805SW Datasheet HTML 6Page - Recom International Power REM15-4805SW Datasheet HTML 7Page - Recom International Power REM15-4805SW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
continued on next page
www.recom-power.com
REV.: 0/2018
MED-3
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
48Vin
36Vin
24Vin
18Vin
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
48Vin
36Vin
24Vin
18Vin
Power Dissipation vs. Load
3
2
1.5
0.5
1
2.5
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
24Vin
12Vin
3
2
1.5
0.5
1
2.5
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
48Vin
24Vin
REM15-24xxSW
REM15-4805SW
REM15-4824SW
REM15-48xxSW
Trim up
Trim down
Output Voltage Trimming
It allows the user to increase or decrease the output voltage of the module. This is accomplished by connecting an external resistor between the Trim pin and
either the +Vout or -Vout pins. With an external resistor between the Trim and -Vout pin, the output voltage increases. With an external resistor between the
Trim and +Vout pin, the output voltage decreases. The external Trim resistor needs to be at least 1/16W of rated. The values for trim resistors shown in trim
tables below are according to standard E96 values; therefore, the specified voltage may slightly vary.
Rup
-Vout
+Vout
Trim
Rdown
Trim
Efficiency vs. Load
REM15-W
Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com