Electronic Components Datasheet Search
  English  ▼

X  

REM30-4805SW Datasheet(PDF) 6 Page - Recom International Power

Part # REM30-4805SW
Description  30 Watt 4:1 Input 2 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM30-4805SW Datasheet(HTML) 6 Page - Recom International Power

  REM30-4805SW Datasheet HTML 1Page - Recom International Power REM30-4805SW Datasheet HTML 2Page - Recom International Power REM30-4805SW Datasheet HTML 3Page - Recom International Power REM30-4805SW Datasheet HTML 4Page - Recom International Power REM30-4805SW Datasheet HTML 5Page - Recom International Power REM30-4805SW Datasheet HTML 6Page - Recom International Power REM30-4805SW Datasheet HTML 7Page - Recom International Power REM30-4805SW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
www.recom-power.com
REV.: 0/2018
MED-6
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (7)
with derating @ natural convection 0.1m/s
-40°C to +105°C
Max. Case Temperature
+110°C typ.
Operating Humidity
5% to 95% RH
Temperature Coefficient
0.02%/K
Thermal Impedance (7)
horizontal direction
natural convection (0.1m/s)
8K/W
0.5m/s
5.7K/W
Operating Altitude
5000m
Pollution Degree
PD2
Thermal Shock
according to MIL-STD-810F
Vibration
according to MIL-STD-810F
MTBF
according to MIL-HDBK-217F, full load
+25°C
1137 x 103 hours
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
110
100
105
88
85
100
80
78
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
natural convection (0.1m/s)
0.5m/s
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
110
100
105
82
100
80
85
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
natural convection (0.1m/s)
0.5m/s
85
Derating Graph (7)
(@ Chamber and nominal Vin)
REM30-24xxSW
REM30-48xxSW
Notes:
Note7: Measured with test PCB: Eurocard 160x100mm 105µm copper, double layer
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for
Safety
E196683
UL60950-1, 2nd Edition, 2014
CAN/CSA-C22.2 No. 60950-1-07, 2nd Edition, 2014
Audio/video, information and communication technology equip-
ment. Safety requirements
UL62368-1
CAN/CSA-C22.2 No. 62368-1
Medical Electric Equipment, General Requirements for Safety and
Essential Performance
E314885
ANSI/AAMI ES60601-1 (2005/R2012 + A1:2012), 2012
CAN/CSA-C22.2 No. 60601-1:14, 3rd Edition, 2014-03
Medical Electric Equipment, General Requirements for Safety and
Essential Performance (CB Scheme)
180505201
IEC60601-1:2005, 3rd Edition + AM1:2012
RoHS2+
RoHs 2011/65/EU + AM2015/863
continued on next page
REM30-W
Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com