Electronic Components Datasheet Search
  English  ▼

X  

REM30-4824SW Datasheet(PDF) 1 Page - Recom International Power

Part # REM30-4824SW
Description  30 Watt 4:1 Input 2 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM30-4824SW Datasheet(HTML) 1 Page - Recom International Power

  REM30-4824SW Datasheet HTML 1Page - Recom International Power REM30-4824SW Datasheet HTML 2Page - Recom International Power REM30-4824SW Datasheet HTML 3Page - Recom International Power REM30-4824SW Datasheet HTML 4Page - Recom International Power REM30-4824SW Datasheet HTML 5Page - Recom International Power REM30-4824SW Datasheet HTML 6Page - Recom International Power REM30-4824SW Datasheet HTML 7Page - Recom International Power REM30-4824SW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DC/DC Converter
www.recom-power.com
REV.: 0/2018
MED-1
30 Watt
4:1 Input
2“ x 1“
Single and Dual
Output
Features
Regulated
Converter
• Reinforced insulation for 250VAC working voltage
• Clearance and creepage distance >8.0mm
• 5kVAC I/P to O/P 2MOPP isolation
• 2µA patient leakage current
• Industry standard pinout
• 4:1 wide input range
REM30-W
CTRL pin option (positive logic)
Wide Input Voltage Range (4:1)
Single or Dual
Output Power
nom. Input Voltage
nom. Output Voltage
REM30- __ __ _ W/P
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
REM30-2405SW (3)
9-36
5
6000
88
7200
REM30-2412SW (3)
9-36
12
2500
89
1200
REM30-2415SW (3)
9-36
15
2000
89
1000
REM30-2424SW (3)
9-36
24
1250
89
375
REM30-2405DW (3)
9-36
±5
±3000
86
±3600
REM30-2412DW (3)
9-36
±12
±1250
89
±750
REM30-2415DW (3)
9-36
±15
±1000
89
±500
REM30-4805SW (3)
18-75
5
6000
89
7200
REM30-4812SW (3)
18-75
12
2500
89
1200
REM30-4815SW (3)
18-75
15
2000
89
1000
REM30-4824SW (3)
18-75
24
1250
89
375
REM30-4805DW (3)
18-75
±5
±3000
86.5
±3600
REM30-4812DW (3)
18-75
±12
±1250
90
±750
REM30-4815DW (3)
18-75
±15
±1000
89.5
±500
Model Numbering
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resisitive load
Notes:
Note3: standard is with suffix „/P“ (CTRL pin with positive logic)
without suffix is without CTRL pin (no pin) please refer to dimensions drawing
Ordering Examples:
REM30-2412SW/P = 4:1 Input, 9-36Vin, 12Vout, with control pin positive logic
REM30-4815DW = 4:1 Input, 18-75Vin, ±15Vout, without control pin
Description
The REM30-W series of medical grade regulated DC/DC converters features reinforced 5kVAC/1 minute
isolation with low 2µA leakage (B, BF and CF compatible) and are 60601-1 3rd Ed. certified for 250VAC
continuous working voltage isolation. The industry standard 2”x1” package offers tightly regulated single
and dual outputs, with low output ripple and zero-load operation. The outputs are also short circuit and
overload protected. The converters are certified to CB, IEC/EN and ANSI/AAMI standards and carry the
UL mark.
UL60950-1 certified
CSA/CAN C22.2 60950-1-07 certified
UL62368-1 certified
CSA/CAN C22.2 62368-1 certified
CSA/CAN C22.2 60601-01 certified
ANSI/AAMI ES60601-1 certified
EN55011 certified
CB report
2MOPP
250VAC
E314885


Similar Part No. - REM30-4824SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
logo
Recom International Pow...
REM3-0505D RECOM-REM3-0505D Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM3-0505S RECOM-REM3-0505S Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM3-0512D RECOM-REM3-0512D Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results

Similar Description - REM30-4824SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP30-2424SW RECOM-RPP30-2424SW Datasheet
127Kb / 6P
30 Watt 4:1 Single Dual Output
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM6-053.3S RECOM-REM6-053.3S Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
10 Watt 2 x 1 Single and Dual Output
REM15-W RECOM-REM15-W Datasheet
1Mb / 8P
15 Watt 4:1 Input 1.6 x 1 Single and Dual Output
REM20-W RECOM-REM20-W Datasheet
1Mb / 8P
20 Watt 4:1 Input 1.6 x 1 Single and Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
REC30E-Z RECOM-REC30E-Z Datasheet
1Mb / 7P
30 Watt 1“ x 1“ Single & Dual Output
REV.: 0/2023
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com