Electronic Components Datasheet Search
  English  ▼

X  

IL26X Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IL26X
Description  High Speed Five Channel Digital Coupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL26X Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IL26X Datasheet HTML 1Page - List of Unclassifed Manufacturers IL26X Datasheet HTML 2Page - List of Unclassifed Manufacturers IL26X Datasheet HTML 3Page - List of Unclassifed Manufacturers IL26X Datasheet HTML 4Page - List of Unclassifed Manufacturers IL26X Datasheet HTML 5Page - List of Unclassifed Manufacturers IL26X Datasheet HTML 6Page - List of Unclassifed Manufacturers IL26X Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5
5
5
5
IL260
IL261
Pin Configurations IL260, IL261
6
Note: Connected Internally
Pins 2 & 8
Pins 9 & 15
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL26XISOLOOP®
Timing Diagram
Legend
t
PLH
Propagation Delay, Low to High
t
PHL
Propagation Delay, High to Low
t
PW
Minimum Pulse Width
t
R
Rise Time
t
F
Fall Time
IR Soldering Profile
Recommended profile shown. Maximum
temperature allowed on any profile is 260° C.
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com