Electronic Components Datasheet Search
  English  ▼

X  

IN74AC00 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74AC00
Description  Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC00 Datasheet(HTML) 1 Page - Integral Corp.

  IN74AC00 Datasheet HTML 1Page - Integral Corp. IN74AC00 Datasheet HTML 2Page - Integral Corp. IN74AC00 Datasheet HTML 3Page - Integral Corp. IN74AC00 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
3
Quad 2-Input NAND Gate
High-Speed Silicon-Gate CMOS
The IN74AC00 is identical in pinout
to
the
LS/ALS00,
HC/HCT00. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS
outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
IN74AC00
ORDERING INFORMATION
IN74AC00N Plastic
IN74AC00D SOIC
TA = -40° to 85° C for all
packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AB
Y
LL
H
LH
H
HL
H
HH
L


Similar Part No. - IN74AC00

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC02 INTEGRAL-IN74AC02 Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC02D INTEGRAL-IN74AC02D Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC02N INTEGRAL-IN74AC02N Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
Hex Inverter High-Speed Silicon-Gate CMOS
IN74AC04D INTEGRAL-IN74AC04D Datasheet
97Kb / 4P
Hex Inverter High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC00

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
List of Unclassifed Man...
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74HC00A INTEGRAL-IN74HC00A Datasheet
71Kb / 4P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HCT00A INTEGRAL-IN74HCT00A Datasheet
77Kb / 4P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC00 KODENSHI-KK74AC00 Datasheet
224Kb / 5P
Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74HCT00A KODENSHI-KK74HCT00A Datasheet
466Kb / 5P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com